전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1892 데이터시트(PDF) 1 Page - Panasonic Semiconductor

부품명 2SD1892
상세설명  Silicon PNP epitaxial planar type Darlington(For power amplification)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1892 데이터시트(HTML) 1 Page - Panasonic Semiconductor

  2SD1892 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1892 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1892 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SB1252
Silicon PNP epitaxial planar type Darlington
For power amplification
Complementary to 2SD1892
s Features
q
Optimum for 35W HiFi output
q
High foward current transfer ratio hFE: 5000 to 30000
q
Low collector to emitter saturation voltage VCE(sat): < 2.5V
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–120
–100
–5
–8
–5
45
2
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
ICEO
IEBO
VCEO
hFE1
hFE2
*
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = –120V, IE = 0
VCE = –100V, IB = 0
VEB = –5V, IC = 0
IC = –30mA, IB = 0
VCE = –5V, IC = –1A
VCE = –5V, IC = –4A
IC = –4A, IB = –4mA
IC = –4A, IB = –4mA
VCE = –10V, IC = – 0.5A, f = 1MHz
IC = –4A, IB1 = –4mA, IB2 = 4mA,
VCC = –50V
min
–100
2000
5000
typ
20
1.0
0.8
1.0
max
–100
–100
–100
30000
–2.5
–3.0
Unit
µA
µA
µA
V
V
V
MHz
µs
µs
µs
TC=25°C
Ta=25
°C
Unit: mm
Internal Connection
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1
B
C
E
*h
FE2 Rank classification
Rank
Q
P
hFE2
5000 to 15000 8000 to 30000


유사한 부품 번호 - 2SD1892

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SD1892 PANASONIC-2SD1892 Datasheet
55Kb / 3P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
logo
Savantic, Inc.
2SD1892 SAVANTIC-2SD1892 Datasheet
126Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1892 ISC-2SD1892 Datasheet
133Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1892 SAVANTIC-2SD1892 Datasheet
128Kb / 3P
   Silicon NPN Power Transistors
More results

유사한 설명 - 2SD1892

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SB1253 PANASONIC-2SB1253 Datasheet
74Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1254 PANASONIC-2SB1254 Datasheet
74Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1418 PANASONIC-2SB1418 Datasheet
61Kb / 2P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1255 PANASONIC-2SB1255 Datasheet
74Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1492 PANASONIC-2SB1492 Datasheet
71Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1490 PANASONIC-2SB1490 Datasheet
71Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB1503 PANASONIC-2SB1503 Datasheet
70Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
2SB938 PANASONIC-2SB938 Datasheet
64Kb / 2P
   Silicon PNP epitaxial planar type Darlington(For power amplification and switching)
2SB937 PANASONIC-2SB937 Datasheet
64Kb / 2P
   Silicon PNP epitaxial planar type Darlington(For power amplification and switching)
2SB950 PANASONIC-2SB950 Datasheet
62Kb / 2P
   Silicon PNP epitaxial planar type Darlington(For power amplification and switching)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com