전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4121UR-1 데이터시트(PDF) 1 Page - Microsemi Corporation

부품명 1N4121UR-1
상세설명  GLASS SURFACE MOUNT 0.5 WATT ZENERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4121UR-1 데이터시트(HTML) 1 Page - Microsemi Corporation

  1N4121UR-1 Datasheet HTML 1Page - Microsemi Corporation 1N4121UR-1 Datasheet HTML 2Page - Microsemi Corporation 1N4121UR-1 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCOTTSD A L E DIVISION
1N4099UR thru 1N4135UR
(or MLL4099 thru MLL4135)
and
1N4614UR thru 1N4627UR
(or MLL4614 thru MLL4627)
GLASS SURFACE MOUNT 0.5 WATT
ZENERS
DESCRIPTION
APPEARANCE
The 1N4099UR thru 1N4135UR and 1N4614UR thru 1N4627UR series of
0.5 watt glass surface mount DO-213AA Zener voltage regulators provides
a selection from 1.8 to 100 volts in standard 5% tolerances as well as
tighter tolerances identified by different suffix letters on the part number.
These are also available with an internal-metallurgical-bond option by
adding a “-1” suffix (see separate data sheet) including JAN, JANTX, and
JANTXV military qualifications.
Microsemi also offers numerous other
Zener products to meet higher and lower power applications.
DO-213AA
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Surface mount equivalent to JEDEC registered 1N4099
thru 1N4135 and 1N4614 thru 1N4627 series
• Internal metallurgical bond option available by adding a
“-1” suffix that also includes JAN, JANTX, and JANTXV
qualifications per MIL-PRF-19500/435 (see separate
data sheet for same part numbers with “-1” suffix)
• DO-7 or DO-35 glass body axial-leaded Zener
equivalents also available per JEDEC registration (see
separate data sheet for part numbers 1N4099 thru
1N4135 and 1N4614 thru 1N4627 series
• Regulates voltage over a broad operating current and
temperature range
• Extensive selection from 1.8 to 100 V
• Standard voltage tolerances are plus/minus 5% with
no suffix
• Tight tolerances available in plus or minus 2% or 1%
with C or D suffix respectively
• Hermetically sealed surface mount package
• Nonsensitive to ESD per MIL-STD-750 Method 1020
• Minimal capacitance (see Figure 3)
• Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Operating and Storage temperature: -65ºC to +175ºC
• Thermal Resistance: 150ºC/W junction to end cap and
300
ºC/W junction to ambient when mounted on FR4 PC
board (1 oz Cu) with recommended footprint (see last
page)
• Steady-State Power: 0.5 watts at end cap temperature
TEC < 100
oC or ambient temperature TA < 25ºC when
mounted on FR4 PC board as described for thermal
resistance above (see Figure 2 for derating)
• Forward voltage @200 mA: 1.1 volts
• Solder Temperatures: 260 ºC for 10 s (max)
• CASE: Hermetically sealed glass DO-213AA (SOD80
or MLL34) MELF style package
• TERMINALS: End caps tin-lead plated solderable per
MIL-STD-750, method 2026
• POLARITY: Cathode indicated by band where diode
is to be operated with the banded end positive with
respect to the opposite end for Zener regulation
• MARKING: cathode band only
• TAPE & REEL option: Standard per EIA-481-1-A with
12 mm tape, 2000 per 7 inch reel or 5000 per 13 inch
reel (add “TR” suffix to part number)
• WEIGHT: 0.04 grams
• See package dimensions on last page
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2002
11-05-03 REV C


유사한 부품 번호 - 1N4121UR-1

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N4121UR-1 MICROSEMI-1N4121UR-1 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
1N4121UR-1 MICROSEMI-1N4121UR-1 Datasheet
467Kb / 6P
   500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
More results

유사한 설명 - 1N4121UR-1

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N5913BUR-1 MICROSEMI-1N5913BUR-1 Datasheet
191Kb / 3P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.5 WATT ZENERS
logo
Vaishali Semiconductor
ZGL41-100 VAISH-ZGL41-100 Datasheet
25Kb / 2P
   Surface Mount Glass Passivated Zeners
logo
Microsemi Corporation
1N4728UR-1 MICROSEMI-1N4728UR-1 Datasheet
132Kb / 5P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.0 W ZENERS
REV A
1N5221BUR-1 MICROSEMI-1N5221BUR-1 Datasheet
405Kb / 6P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 500 mW ZENERS
Rev. 1
logo
National Semiconductor ...
1N759A NSC-1N759A Datasheet
21Kb / 1P
   Half Watt Zeners
logo
Fairchild Semiconductor
1N4752A FAIRCHILD-1N4752A Datasheet
22Kb / 2P
   One Watt Zeners
IN746A FAIRCHILD-IN746A Datasheet
21Kb / 2P
   Half Watt Zeners
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
   Series Half Watt Zeners
logo
Digitron Semiconductors
UZ5706 DIGITRON-UZ5706 Datasheet
265Kb / 3P
   POWER ZENERS 5 WATT
logo
DIYI Electronic Technol...
G1AN DYELEC-G1AN Datasheet
1Mb / 2P
   0.5 AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com