전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD2137 데이터시트(PDF) 2 Page - Panasonic Semiconductor

부품명 2SD2137
상세설명  Silicon PNP epitaxial planar type(For power amplification)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2137 데이터시트(HTML) 2 Page - Panasonic Semiconductor

  2SD2137 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2137 Datasheet HTML 2Page - Panasonic Semiconductor 2SD2137 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power Transistors
2SB1417, 2SB1417A
PC —Ta
IC —VCE
VCE(sat) —IC
IC —VBE
hFE —IC
fT —IC
Cob —VCB
ton, tstg, tf — IC
Area of safe operation (ASO)
0
160
40
120
80
140
20
100
60
0
20
15
5
10
(1) T
C=Ta
(2) Without heat sink
(P
C=2.0W)
(1)
(2)
Ambient temperature Ta (˚C)
0
–12
–10
–8
–2
–6
–4
0
–6
–5
–4
–3
–2
–1
T
C=25˚C
–10mA
–20mA
–30mA
–40mA
–50mA
–60mA
–70mA
–80mA
–90mA
I
B=–100mA
Collector to emitter voltage V
CE
(V)
– 0.1
–1
–10
–100
– 0.3
–3
–30
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
I
C/IB=8
25˚C
100˚C
T
C=–25˚C
Collector current I
C
(A)
0
–2.0
–1.6
– 0.4
–1.2
– 0.8
0
–6
–5
–4
–3
–2
–1
V
CE=–4V
T
C=100˚C
–25˚C
25˚C
Base to emitter voltage V
BE
(V)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
10
30
100
300
1000
3000
10000
30000
100000
V
CE=–4V
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
1
3
10
30
100
300
1000
3000
10000
V
CE=–5V
f=10MHz
T
C=25˚C
Collector current I
C
(A)
–1
–3
–10
–30
–100
1
1000
100
10
3
30
300
I
E=0
f=1MHz
T
C=25˚C
Collector to base voltage V
CB
(V)
0–4
–1
–3
–2
0.01
0.03
0.1
0.3
1
3
10
30
100
t
stg
t
on
t
f
Pulsed t
w=1ms
Duty cycle=1%
I
C/IB=5
(I
B1=–IB2)
V
CC=–200V
T
C=25˚C
Collector current I
C
(A)
–1
–10
–100
–1000
–3
–30
–300
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
t=1ms
I
CP
I
C
10ms
Non repetitive pulse
T
C=25˚C
DC
Collector to emitter voltage V
CE
(V)


유사한 부품 번호 - 2SD2137

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SD2137 PANASONIC-2SD2137 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification)
logo
TRANSYS Electronics Lim...
2SD2137 TEL-2SD2137 Datasheet
57Kb / 1P
   Plastic-Encapsulated Transistors
logo
SHENZHEN YONGERJIA INDU...
2SD2137 WINNERJOIN-2SD2137 Datasheet
126Kb / 1P
   TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
   TO-220 -3L Plastic-Encapsulate Transistors
logo
SHENZHEN KOO CHIN ELECT...
2SD2137 KOOCHIN-2SD2137 Datasheet
291Kb / 2P
   TRANSISTOR (NPN)
More results

유사한 설명 - 2SD2137

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SB1643 PANASONIC-2SB1643 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB954 PANASONIC-2SB954 Datasheet
47Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1548 PANASONIC-2SB1548 Datasheet
45Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB930 PANASONIC-2SB930 Datasheet
49Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1299 PANASONIC-2SB1299 Datasheet
53Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1393 PANASONIC-2SB1393 Datasheet
46Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1553 PANASONIC-2SB1553 Datasheet
52Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1554 PANASONIC-2SB1554 Datasheet
54Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB928 PANASONIC-2SB928 Datasheet
49Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB929 PANASONIC-2SB929 Datasheet
50Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com