전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS881Z18BT-200IT 데이터시트(PDF) 1 Page - GSI Technology

부품명 GS881Z18BT-200IT
상세설명  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS881Z18BT-200IT 데이터시트(HTML) 1 Page - GSI Technology

  GS881Z18BT-200IT Datasheet HTML 1Page - GSI Technology GS881Z18BT-200IT Datasheet HTML 2Page - GSI Technology GS881Z18BT-200IT Datasheet HTML 3Page - GSI Technology GS881Z18BT-200IT Datasheet HTML 4Page - GSI Technology GS881Z18BT-200IT Datasheet HTML 5Page - GSI Technology GS881Z18BT-200IT Datasheet HTML 6Page - GSI Technology GS881Z18BT-200IT Datasheet HTML 7Page - GSI Technology GS881Z18BT-200IT Datasheet HTML 8Page - GSI Technology GS881Z18BT-200IT Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
GS881Z18B(T/D)/GS881Z32B(T/D)/GS881Z36B(T/D)
9Mb Pipelined and Flow Through
Synchronous NBT SRAM
333 MHz–150 MHz
2.5 V or 3.3 V VDD
2.5 V or 3.3 V I/O
100-Pin TQFP & 165-Bump BGA
Commercial Temp
Industrial Temp
Rev: 1.04 10/2004
1/39
© 2002, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• User-configurable Pipeline and Flow Through mode
• NBT (No Bus Turn Around) functionality allows zero wait
read-write-read bus utilization
• Fully pin-compatible with both pipelined and flow through
NtRAM™, NoBL™ and ZBT™ SRAMs
• IEEE 1149.1 JTAG-compatible Boundary Scan
• On-chip write parity checking; even or odd selectable
• 2.5 V or 3.3 V +10%/–10% core power supply
• 2.5 V or 3.3 V I/O supply
• LBO pin for Linear or Interleave Burst mode
• Pin-compatible with 2M, 4M, and 18M devices
• Byte write operation (9-bit Bytes)
• 3 chip enable signals for easy depth expansion
• ZZ pin for automatic power-down
• JEDEC-standard packages
• Pb-Free 100-lead TQFP package available
Functional Description
The GS881Z18B(T/D)/GS881Z32B(T/D)/GS881Z36B(T/D)
is a 9Mbit Synchronous Static SRAM. GSI's NBT SRAMs,
like ZBT, NtRAM, NoBL or other pipelined read/double late
write or flow through read/single late write SRAMs, allow
utilization of all available bus bandwidth by eliminating the
need to insert deselect cycles when the device is switched from
read to write cycles.
Because it is a synchronous device, address, data inputs, and
read/ write control inputs are captured on the rising edge of the
input clock. Burst order control (LBO) must be tied to a power
rail for proper operation. Asynchronous inputs include the
Sleep mode enable, ZZ and Output Enable. Output Enable can
be used to override the synchronous control of the output
drivers and turn the RAM's output drivers off at any time.
Write cycles are internally self-timed and initiated by the rising
edge of the clock input. This feature eliminates complex off-
chip write pulse generation required by asynchronous SRAMs
and simplifies input signal timing.
The GS881Z18B(T/D)/GS881Z32B(T/D)/GS881Z36B(T/D)
may be configured by the user to operate in Pipeline or Flow
Through mode. Operating as a pipelined synchronous device,
in addition to the rising-edge-triggered registers that capture
input signals, the device incorporates a rising-edge-triggered
output register. For read cycles, pipelined SRAM output data is
temporarily stored by the edge triggered output register during
the access cycle and then released to the output drivers at the
next rising edge of clock.
The GS881Z18B(T/D)/GS881Z32B(T/D)/GS881Z36B(T/D)
is implemented with GSI's high performance CMOS
technology and is available in a JEDEC-standard 100-pin
TQFP package.
Paramter Synopsis
-333
-300
-250
-200
-150
Unit
Pipeline
3-1-1-1
tKQ
tCycle
2.5
3.0
2.5
3.3
2.5
4.0
3.0
5.0
3.8
6.7
ns
ns
Curr (x18)
Curr (x32/x36)
250
290
230
265
200
230
170
195
140
160
mA
mA
Flow Through
2-1-1-1
tKQ
tCycle
4.5
4.5
5.0
5.0
5.5
5.5
6.5
6.5
7.5
7.5
ns
ns
Curr (x18)
Curr (x32/x36)
200
230
185
210
160
185
140
160
128
145
mA
mA


유사한 부품 번호 - GS881Z18BT-200IT

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS881Z18BT-200IV GSI-GS881Z18BT-200IV Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

유사한 설명 - GS881Z18BT-200IT

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS880Z18-V GSI-GS880Z18-V Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18BB-V GSI-GS882Z18BB-V Datasheet
1Mb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882ZV18BB GSI-GS882ZV18BB Datasheet
881Kb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880ZV18BT GSI-GS880ZV18BT Datasheet
573Kb / 23P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18B GSI-GS882Z18B Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18BT GSI-GS880Z18BT Datasheet
591Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18AT GSI-GS881Z18AT Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18BT-V GSI-GS881Z18BT-V Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18AB GSI-GS882Z18AB Datasheet
892Kb / 35P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18AT-133 GSI-GS880Z18AT-133 Datasheet
753Kb / 25P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com