전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KRC403E 데이터시트(PDF) 4 Page - KEC(Korea Electronics)

부품명 KRC403E
상세설명  EPITAXIAL PLANAR NPN TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC403E 데이터시트(HTML) 4 Page - KEC(Korea Electronics)

  KRC403E Datasheet HTML 1Page - KEC(Korea Electronics) KRC403E Datasheet HTML 2Page - KEC(Korea Electronics) KRC403E Datasheet HTML 3Page - KEC(Korea Electronics) KRC403E Datasheet HTML 4Page - KEC(Korea Electronics) KRC403E Datasheet HTML 5Page - KEC(Korea Electronics) KRC403E Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1999. 6. 8
4/6
KRC401E~KRC406E
Revision No : 0
I
- V
I(ON)
INPUT ON VOLTAGE V
(V)
0.1
100
0.3
O
I(ON)
0.3
1
3
10
30
1
3
5
10
30
50
100
0.5
0.5
100
50
30
10
5
3
1
30
10
3
1
0.3
I(ON)
O
0.3
100
0.1
I
- V
0.5
100
50
30
10
5
3
1
30
10
3
1
0.3
I(ON)
O
0.3
100
0.1
I
- V
I
- V
0.1
100
0.3
O
I(ON)
0.3
1
3
10
30
1
3
5
10
30
50
100
0.5
I
- V
0.1
100
0.3
O
I(ON)
0.3
1
3
10
30
1
3
5
10
30
50
100
0.5
0.5
100
50
30
10
5
3
1
30
10
3
1
0.3
I(ON)
O
0.3
100
0.1
I
- V
KRC401E
V =0.2V
O
Ta=25 C
Ta=-25 C
25
-25
100
KRC402E
KRC403E
KRC404E
KRC405E
KRC406E
V =0.2V
O
Ta=25 C
Ta=-25 C
V =0.2V
O
O
V =0.2V
V =0.2V
O
O
V =0.2V
Ta=25 C
Ta=-25 C
INPUT ON VOLTAGE V
(V)
I(ON)
I(ON)
INPUT ON VOLTAGE V
(V)
INPUT ON VOLTAGE V
(V)
I(ON)
I(ON)
INPUT ON VOLTAGE V
(V)
INPUT ON VOLTAGE V
(V)
I(ON)
Ta=25 C
Ta=-25 C
Ta=-25 C
Ta=25 C
Ta=25 C
Ta=-25 C


유사한 부품 번호 - KRC403E

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KRC403 KEC-KRC403 Datasheet
657Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC403V KEC-KRC403V Datasheet
118Kb / 6P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

유사한 설명 - KRC403E

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com