전자부품 데이터시트 검색엔진 |
|
LM317BTG 데이터시트(PDF) 6 Page - ON Semiconductor |
|
LM317BTG 데이터시트(HTML) 6 Page - ON Semiconductor |
6 / 12 page LM317, NCV317 http://onsemi.com 6 Figure 13. Ripple Rejection versus Output Voltage Figure 14. Ripple Rejection versus Output Current Figure 15. Ripple Rejection versus Frequency Figure 16. Output Impedance Figure 17. Line Transient Response Figure 18. Load Transient Response CL = 1.0 mF; CAdj = 10 mF Vin CL = 1.0 mF; CAdj = 10 mF IL Vin − Vout = 5 V IL = 500 mA f = 120 Hz TJ = 25°C Without CAdj CAdj = 10 mF Vin = 15 V Vout = 10 V f = 120 Hz TJ = 25°C Without CAdj CAdj = 10 mF Without CAdj IL = 500 mA Vin = 15 V Vout = 10 V TJ = 25°C CAdj = 10 mF Vin = 15 V Vout = 10 V IL = 500 mA TJ = 25°C CAdj = 10 mF Without CAdj 1.5 1.0 0.5 0 −0.5 −1.0 −1.5 1.0 0.5 0 3.0 2.0 1.0 0 −1.0 −2.0 −3.0 1.5 1.0 0.5 0 100 80 60 40 20 0 120 100 80 60 40 20 0 100 80 60 40 20 0 101 100 10−1 10−2 10−3 0 102030 40 t, TIME ( ms) 010 20 30 40 0 5.0 10 15 20 25 30 35 Vout, OUTPUT VOLTAGE (V) 0.01 0.1 1.0 10 IO, OUTPUT CURRENT (A) 10 100 1.0 k 10 k 100 k 1.0 M 10 M f, FREQUENCY (Hz) 10 100 1.0 k 10 k 100 k 1.0 M f, FREQUENCY (Hz) t, TIME ( ms) Vin = 15 V Vout = 10 V INL = 50 mA TJ = 25°C Vout = 10 V IL = 50 mA TJ = 25°C CL = 0; Without CAdj CL = 0; Without CAdj |
유사한 부품 번호 - LM317BTG |
|
유사한 설명 - LM317BTG |