전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX65100-11 데이터시트(PDF) 7 Page - Skyworks Solutions Inc.

부품명 CX65100-11
상세설명  700 - 1000 MHz Linear Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX65100-11 데이터시트(HTML) 7 Page - Skyworks Solutions Inc.

  CX65100-11 Datasheet HTML 1Page - Skyworks Solutions Inc. CX65100-11 Datasheet HTML 2Page - Skyworks Solutions Inc. CX65100-11 Datasheet HTML 3Page - Skyworks Solutions Inc. CX65100-11 Datasheet HTML 4Page - Skyworks Solutions Inc. CX65100-11 Datasheet HTML 5Page - Skyworks Solutions Inc. CX65100-11 Datasheet HTML 6Page - Skyworks Solutions Inc. CX65100-11 Datasheet HTML 7Page - Skyworks Solutions Inc. CX65100-11 Datasheet HTML 8Page - Skyworks Solutions Inc. CX65100-11 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DATA SHEET • CX65100
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
101471F • Skyworks Proprietary and Confidential information • Products and product information are subject to change without notice • August 13, 2004
7
RFIN
VREF
RF in
RF out
Pin 9
Package Base
+3.4 V
+3.4 V
C4
150 pF
C7
0.01 mF
C1
4.7 mF
C9
22 pF
C3
150 pF
C2
0.01 mF
C5
0.01 mF
C6
4.7 mF
T2
50 W
microstrip
T1
Notes:
1) Pin 9 provides both a thermal and electrical ground.
This ground path is critical and must be as short
as possible.
2) Transmission line lengths T1 and T2 should be
minimized.
T3
50 W
microstrip
7
6
5
VCC1
RFOUT
1
2
3
4
8
VCC2
+3.2 V
C1237a
C8
4.7 mF
Figure 11. Evaluation Board Schematic, 700 MHz to 1000 MHz
C1257
J1 (RF In)
J3
J2 (RF Out)
C9
8x8 PA EVALUATION BD.
C2
C3
C6
C1
C5
C4
C8
C7
Figure 12. Evaluation Board Assembly Diagram


유사한 부품 번호 - CX65100-11

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CX65104 ETC-CX65104 Datasheet
166Kb / 9P
   700 - 1000 MHz Linear Power Amplifier
CX65104-11 ETC-CX65104-11 Datasheet
166Kb / 9P
   700 - 1000 MHz Linear Power Amplifier
CX65105 ETC1-CX65105 Datasheet
167Kb / 9P
   1700 - 2200 MHz Linear Power Amplifier
CX65105-11 ETC1-CX65105-11 Datasheet
167Kb / 9P
   1700 - 2200 MHz Linear Power Amplifier
More results

유사한 설명 - CX65100-11

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CX65104 ETC-CX65104 Datasheet
166Kb / 9P
   700 - 1000 MHz Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY65119 SKYWORKS-SKY65119 Datasheet
328Kb / 10P
   700 - 800 MHz Linear Power Amplifier
CX65002 SKYWORKS-CX65002 Datasheet
285Kb / 11P
   700 - 1400 MHz Linear Power Amplifier Driver
logo
Analog Devices
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
   700 MHz to 1000 MHz
REV. 0
logo
Stealth Microwave, Inc.
SM1025-36MQ2 STEALTH_MICROWAVE-SM1025-36MQ2 Datasheet
97Kb / 4P
   1000-2500 MHz 4 Watt Linear Power Amplifier
SM1025-36DMQ2 STEALTH_MICROWAVE-SM1025-36DMQ2 Datasheet
94Kb / 4P
   1000-2500 MHz 4 Watt Linear Power Amplifier
logo
Mimix Broadband
CHV2707-QJ MIMIX-CHV2707-QJ_07 Datasheet
323Kb / 6P
   700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
logo
Stealth Microwave, Inc.
SM08010-37HS STEALTH_MICROWAVE-SM08010-37HS Datasheet
93Kb / 3P
   800-1000 MHz 5 Watt Linear Power Amplifier
SM08010-34HS STEALTH_MICROWAVE-SM08010-34HS Datasheet
90Kb / 3P
   800-1000 MHz 3 Watt Linear Power Amplifier
SM08010-42 STEALTH_MICROWAVE-SM08010-42 Datasheet
129Kb / 3P
   800-1000 MHz 12 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com