전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD1008 데이터시트(PDF) 1 Page - Nihon Inter Electronics Corporation

부품명 PD1008
상세설명  DIODE MODULE 100A/800V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NIEC [Nihon Inter Electronics Corporation]
홈페이지  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD1008 데이터시트(HTML) 1 Page - Nihon Inter Electronics Corporation

  PD1008 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD1008 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD1008 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIODE MODULE 100A/800V
Maximum Ratings
Approx Net Weight:155g
Type / Grade
Parameter
Parameter
Parameter
Parameter
Symbol
PC1008 / PD1008
Unit
Repetitive Peak Reverse Voltage *1
VRRM
800
Non Repetitive Peak Reverse Voltage *1
VRSM
960
V
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Max Rated
Max Rated
Max Rated
Max Rated
Value
Value
Value
Value
Unit
Average Rectified Output Current *1
IO(AV)
50Hz Half Sine Wave condition
Tc=105°C
100
A
RMS Forward Current *1
IF(RMS)
156
A
Surge Forward Current *1
IFSM
50 Hz Half Sine Wave,1Pulse
Non-repetitive
2000
A
I Squared t *1
I2t
2msec to 10msec
20000
A2s
Operating JunctionTemperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminals, AC1min
2000
V
Case mounting
M5 Screw
2.4 to 2.8
Mounting torque
Terminals
Ftor
M5 Screw
2.4 to 2.8
Nm
Electrical • Thermal Characteristics
Characteristics
Symbol
Test Conditions
Max. Unit
Peak Reverse Current *1
IRM
VRM= VRRM, Tj= 150°C
20
mA
Peak Forward Voltage *1
VFM
IFM= 320A, Tj=25°C
1.25
V
Rth(j-c) Junction to Case
0.3
Thermal Resistance *1
Rth(c-f)
Base Plate to Heat Sink with Thermal
Compound
0.2
°C/W
*1: Value Per 1Arm
FEATURES
* Isolated Base
* Dual Diodes Cathode Common and
Cascaded Circuit
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* Rectified For General Use
PC1008
PC1008
PC1008
PC1008
PD1008
PD1008
PD1008
PD1008
OUTLINE DRAWING


유사한 부품 번호 - PD1008

제조업체부품명데이터시트상세설명
logo
Nihon Inter Electronics...
PD1008 NIEC-PD1008 Datasheet
155Kb / 2P
   100A Avg 800 Volts
More results

유사한 설명 - PD1008

제조업체부품명데이터시트상세설명
logo
Nihon Inter Electronics...
PT1018 NIEC-PT1018 Datasheet
142Kb / 3P
   DIODE MODULE 100A/800V
PT100S8 NIEC-PT100S8 Datasheet
51Kb / 5P
   DIODE MODULE 100A/800V
PE1008N NIEC-PE1008N Datasheet
196Kb / 3P
   DIODE MODULE 100A/800V
PCH1008 NIEC-PCH1008 Datasheet
252Kb / 5P
   THYRISTOR MODULE 100A/800V
PGH1008AM NIEC-PGH1008AM Datasheet
239Kb / 4P
   THYRISTOR MODULE 100A / 800V
PDT1008 NIEC-PDT1008 Datasheet
257Kb / 5P
   THYRISTOR MODULE 100A / 800V
PT50S8 NIEC-PT50S8 Datasheet
50Kb / 5P
   DIODE MODULE 50A/800V
PT768 NIEC-PT768 Datasheet
137Kb / 3P
   DIODE MODULE 75A/800V
PC308 NIEC-PC308 Datasheet
189Kb / 3P
   DIODE MODULE 30A/800V
PC2008 NIEC-PC2008 Datasheet
204Kb / 3P
   DIODE MODULE 200A/800V
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com