전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX411T 데이터시트(Datasheet) 4 Page - KEC(Korea Electronics)

부품명 KTX411T
상세내용  EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 4 page
background image
2002. 8. 13
4/4
KTX411T
Revision No : 2
h
- I
C
COLLECTOR CURRENT I
(mA)
FE
C
COLLECTOR CURRENT I
(mA)
300
10
30
10
13
30
C
100
1k
V
=10V
CE
500
50
100
300
1K
2K
f - I
TC
1
3
10
30
1
100
300
1k
3k
10k
3
5
10
30
50
100
300
500
V
=2V
CE




Html 페이지

1  2  3  4 


데이터시트



관련 부품명

부품명상세내용Html View제조사
KTX401UEPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
2SD1399NPN TRIPLE DIFFUSED PLANAR TYPE SILICON TRANSISTOR FOR HORIZONTAL OUTPUT BUILT-IN DAMPER DIODE 1 Sanyo Semicon Device
SUR543JEpitaxial Planar Type NPN Silicon Transistor 1 2 3 AUK corp
2SC3302TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE VHF-UHF BAND LOW NOISE AMPLIFIER APPLICATION 1 2 3 Toshiba Semiconductor
KTC2120SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE PCT PROCESS 1 KEC(Korea Electronics)
2SC2652TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE 1 2 Toshiba Semiconductor
2SA1017PNP/NPN EPITAXIAL PLANAR TYPE SILICON TRANSISTOR 1 List of Unclassifed Manufacturers
MT6L58AETRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS 1 2 3 Toshiba Semiconductor
SUR566EFEpitaxial Planar Type NPN Silicon Transistor 1 2 3 AUK corp
2SC3173NPN Epitaxial Planar Type Silicon Transistor 1 Sanyo Semicon Device

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl