전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX411TY 데이터시트(Datasheet) 3 Page - KEC(Korea Electronics)

부품명 KTX411TY
상세내용  EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 3 page
background image
2002. 8. 13
3/4
KTX411T
Revision No : 2
0.1m
0
REVERSE VOLTAGE V
(V)
R
I
- V
RR
0.1
0.2
0.3
0.4
0.5
1m
10m
100m
1
FORWARD VOLTAGE V
(V)
F
I - V
F
F
Ta=125
C
0
10
2
0.1
µ
1
µ
10
µ
100
µ
10
1
10
20
30
40
Ta=125
C
Ta=75 C
Ta=25 C
Ta=-25 C
D (DIODE)
1
Q (NPN TRANSISTOR)
1
0.01
300
100
30
10
COLLECTOR CURRENT I
(mA)
C
V
- I
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
0
I - V
CCE
12
3
4
5
6
7
200
400
600
800
CE(sat)
C
1k
3k
10k
0.03
0.05
0.1
0.3
0.5
1.0
I /I =10
C
8
I =0mA
B
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0
200
400
0.2
600
800
0.8
0.4
0.6
1.0
CE
I - V
CCE
1000
BASE-EMITTER VOLTAGE V
(V)
0
0
0.2
0.4
0.2
0.4
0.6
0.8
1.4
0.6
0.8
1.0
1.2
1.6
BE
I - V
C
BE
1.0
1.2
1.4
V
=2V
CE
2.0
B
B
I =1mA
I =2mA
B
I =4mA
B
I =6mA
B
I =8mA
B
I =10mA
B
0.1
0.3
0.5
0.7
0.9
B
I =0mA
I =1mA
B
I =3mA
B
I =5mA
B
I =8mA
B
I =10mA
B
I =15mA
B
I =20mA
B
I =30mA
B




Html 페이지

1  2  3  4 


데이터시트



관련 부품명

부품명상세내용Html View제조사
KTX401UEPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
2SD1399NPN TRIPLE DIFFUSED PLANAR TYPE SILICON TRANSISTOR FOR HORIZONTAL OUTPUT BUILT-IN DAMPER DIODE 1 Sanyo Semicon Device
SUR543JEpitaxial Planar Type NPN Silicon Transistor 1 2 3 AUK corp
2SC3302TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE VHF-UHF BAND LOW NOISE AMPLIFIER APPLICATION 1 2 3 Toshiba Semiconductor
KTC2120SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE PCT PROCESS 1 KEC(Korea Electronics)
2SC2652TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE 1 2 Toshiba Semiconductor
2SA1017PNP/NPN EPITAXIAL PLANAR TYPE SILICON TRANSISTOR 1 List of Unclassifed Manufacturers
MT6L58AETRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS 1 2 3 Toshiba Semiconductor
SUR566EFEpitaxial Planar Type NPN Silicon Transistor 1 2 3 AUK corp
2SC3173NPN Epitaxial Planar Type Silicon Transistor 1 Sanyo Semicon Device

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl