전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX411TGR 데이터시트(Datasheet) 1 Page - KEC(Korea Electronics)

부품명 KTX411TGR
상세내용  EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 1 page
background image
2002. 8. 13
1/4
SEMICONDUCTOR
TECHNICAL DATA
KTX411T
EPITAXIAL PLANAR NPN TRANSISTOR
SILICON EPITAXIAL PLANAR TYPE DIODE
Revision No : 2
GENERAL PURPOSE APPLICATION.
ULTRA HIGH SPEED SWITCHING APPLICATION.
FEATURES
Including two(TR, Diode) devices in TSV.
(Thin Super Mini type with 5 pin)
Simplify circuit design.
Reduce a quantity of parts and manufacturing process.
DIM MILLIMETERS
A
B
D
E
TSV
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
B
E
H
J
J
2
3
15
4
+_
+_
+_
+_
+_
1. D ANODE
2. Q EMITTER
3. Q BASE
4. Q COLLECTOR
5. D CATHODE
1
1
1
1
1
MAXIMUM RATINGS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
25
V
Reverse Voltage
VR
20
V
Average Forward Current
IO
1.0
A
Non-Repetitive Peak Surge current
IFSM
3
Junction Temperature
Tj
125
Storage Temperature
Tstg
-55~125
EQUIVALENT CIRCUIT (TOP VIEW)
1
D1
Q1
23
54
MARK SPEC
* Package mounted on a ceramic board (600
0.8
)
h
Rank
FE
Type Name
Marking
Lot No.
C
12
3
54
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
1
A
Emitter Current
IE
-1
A
Collector Power Dissipation
PC *
0.9
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
DIODE D1
Type
KTX411T
KTX411T
Q1 hFE Rank : Y
Q1 hFE Rank : GR
Mark
CE
CF
TRANSISTOR Q1




Html 페이지

1  2  3  4 


데이터시트



관련 부품명

부품명상세내용Html View제조사
KTX401UEPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
2SD1399NPN TRIPLE DIFFUSED PLANAR TYPE SILICON TRANSISTOR FOR HORIZONTAL OUTPUT BUILT-IN DAMPER DIODE 1 Sanyo Semicon Device
SUR543JEpitaxial Planar Type NPN Silicon Transistor 1 2 3 AUK corp
2SC3302TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE VHF-UHF BAND LOW NOISE AMPLIFIER APPLICATION 1 2 3 Toshiba Semiconductor
KTC2120SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE PCT PROCESS 1 KEC(Korea Electronics)
2SC2652TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE 1 2 Toshiba Semiconductor
2SA1017PNP/NPN EPITAXIAL PLANAR TYPE SILICON TRANSISTOR 1 List of Unclassifed Manufacturers
MT6L58AETRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS 1 2 3 Toshiba Semiconductor
SUR566EFEpitaxial Planar Type NPN Silicon Transistor 1 2 3 AUK corp
2SC3173NPN Epitaxial Planar Type Silicon Transistor 1 Sanyo Semicon Device