전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M62343P 데이터시트(PDF) 3 Page - Mitsubishi Electric Semiconductor

부품명 M62343P
상세설명  8-BIT 3CH D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62343P 데이터시트(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M62343P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62343P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62343P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62343P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62343P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
(
/ 5 )
MITSUBISHI ELECTRIC
2000-8-31.revB
MITSUBISHI <STD. LINEAR ICs>
M62343P,FP
8-BIT 3CH D-A CONVERTER WITH BUFFER AMPLIFIERS
3
AC CHARACTERISTICS (VCC=+5V±10%,GND=0V,Ta=–20 to 85°C unless otherwise noted)
TIMING CHART
tCKL
tCR
tCKH
tCF
tDCH
tCHD
tCHL
tLDH
tLDC
tLDD
CLK
D I
L D
D-A
OUTPUT
200
100
Symbol
Parameter
Test condition
Limits
Min
Typ
Max
60
200
Unit
nS
tCHD
tCHL
tLDC
tLDH
tLDD
tCKL
tCR
tCF
tDCH
tCKH
200
Data hold time
LD setup time
LD hold time
LD "H" pulse time
D-A output setting time
Clock "L" pulse width
Clock rise time
Data setup time
Clock "H" pulse width
Clock fall time
CL
≤100pF VAO:0.5V<=>4.5V
The time until the output becomes
the final value of 1/2LSB
200
nS
nS
30
nS
nS
nS
nS
100
nS
300
µS


유사한 부품 번호 - M62343P

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
M62343P RENESAS-M62343P Datasheet
125Kb / 9P
   8-Bit D/A Converter (Buffered)
More results

유사한 설명 - M62343P

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M62333P MITSUBISHI-M62333P Datasheet
31Kb / 6P
   8-BIT 3CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62333P RENESAS-M62333P_08 Datasheet
143Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62333PFP RENESAS-M62333PFP_15 Datasheet
127Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62333P RENESAS-M62333P Datasheet
128Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62342P MITSUBISHI-M62342P Datasheet
24Kb / 5P
   8-BIT 2CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62358P MITSUBISHI-M62358P Datasheet
62Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20169NPSASP RENESAS-R2A20169NPSASP_15 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62354AGP RENESAS-M62354AGP Datasheet
99Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
R2A20164NP RENESAS-R2A20164NP Datasheet
355Kb / 9P
   8-bit 4ch D/A Converter with Buffer Amplifiers
R2A20166NP RENESAS-R2A20166NP Datasheet
353Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com