전자부품 데이터시트 검색엔진 |
|
1N4741A 데이터시트(PDF) 3 Page - Continental Device India Limited |
|
1N4741A 데이터시트(HTML) 3 Page - Continental Device India Limited |
3 / 4 page 1N4728A to 1N4762A 3.3V to 82V DO-41 Glass Axial Package DO-41 Glass Axial Package DO-41, 52mm Taping Specification On request also available in 26 mm Tape and Ammo Pack AA B DIM MIN MAX A 27.90 — B 4.06 5.51 C 0.71 0.87 D 2.03 2.72 NOTES 1. Cathode is marked by Band. 2. All dimensions are in mm. 1.5 R MAX. 5.50 4.50 52.0 48.0 11 DIODES All dimensions in mm. LABEL 255 .0 m m TAPES LEADER 6.0 ±1.0 ±1.0 ±2.0 52.0 6.0 FEE D 52 mm Taping Specification T & A indicates Axil Tape & Ammo packing (52 mm Tape Spacing). 300 mm (min) leader tape on every spool. No. of empty places allowed 0.25% without consecutive empty places. Ends of leads shall preferably not protrude beyond the tapes. 5. tapes so that they can not come free in normal handling. DO-41:- 2500 pcs./Ammo Pack DIODE AMMO PACK 73.5 mm Components shall be held sufficiently in the tape or 4. 3. 2. 1. DO-41 T&A 2.5K/ammo box 1.04 kg/2.5K pcs 10" x 3.5" x 3.5" 2.5K 12.7" x 12.7" x 20" 62.5K 30 kgs PACKAGE Net Weight/Qty Details STANDARD PACK INNER CARTON BOX Qty OUTER CARTON BOX Qty Gr Wt Size Size Packing Detail Continental Device India Limited Data Sheet Page 3 of 4 |
유사한 부품 번호 - 1N4741A |
|
유사한 설명 - 1N4741A |