전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4700DYQ1 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 SI4700DYQ1
상세설명  Power Selector Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4700DYQ1 데이터시트(HTML) 7 Page - Vishay Siliconix

  SI4700DYQ1 Datasheet HTML 1Page - Vishay Siliconix SI4700DYQ1 Datasheet HTML 2Page - Vishay Siliconix SI4700DYQ1 Datasheet HTML 3Page - Vishay Siliconix SI4700DYQ1 Datasheet HTML 4Page - Vishay Siliconix SI4700DYQ1 Datasheet HTML 5Page - Vishay Siliconix SI4700DYQ1 Datasheet HTML 6Page - Vishay Siliconix SI4700DYQ1 Datasheet HTML 7Page - Vishay Siliconix SI4700DYQ1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Si4700DY
Vishay Siliconix
New Product
Document Number: 71110
S-00025—Rev. A, 24-Jan-00
www.vishay.com
S FaxBack 408-970-5600
2-7
TYPICAL APPLICATIONS
The Si4700 is designed to be used to select one of two power
sources for a circuit, such as needed to implement ACPI in
desktop computers. In this application, parts of the circuit must
run off an always-on power supply when the computer is in
suspend mode. When in normal mode, these circuits run off
the main power supply.
The Si4700DY contains an n-channel MOSFET and a
p-channel MOSFET switch connected together to make a
single-pole, double-throw switch. An additional on-board small
signal MOSFET provides a ground referenced logic input.
When the control input is high, the power MOSFET gates are
pulled to ground, and the p-channel MOSFET is on. When the
input is low, the gates are pulled above the supply rail, and the
n-channel MOSFET is on (pulling the gate of the p-channel
above the source potential has no effect).
The gate drive for the n-channel device, Q1, uses an external
12-V supply via an external resistor. A typical value for this
resistor is around 20 k
W, but the value is not critical as long as
the current in Q3 is kept below 0.05 A. A higher value of
resistance reduces the current while in suspend mode, but
also introduces a longer delay when turning on Q1.
The Si4700DY switch is a break-before-make configuration,
therefore sufficient capacitance must be present on the
isolated load to ensure hold up during switching. Due to fast
switching times this should not be significant and is preferred
over a make-before-break that would connect the two power
supplies directly for a short period.
Note that the n-channel MOSFET is oriented to ensure that the
internal diode does not conduct while the sub-circuit is
isolated. In this direction it also provides a fail-safe path for the
circuit’s power through the diode. The forward drop of the
p-channel
MOSFET’s
diode
will
block
any
current
back-feeding the secondary supply, assuming the two
supplies are very close in voltage.
The Si4700DY has a maximum rDS(on) of 30 mW for the
n-channel MOSFET used during normal operation and 70 m
W
for the p-channel used when the computer is in suspend,
making it ideal for loads up to 3 A or higher depending on
voltage drop requirements. It can be used on any rail voltage
between 2.5 V and 8 V (based on an absolute max of 12 V),
with a logic input between 2.5-V and 5-V nominal.
FIGURE 1.
ACPI Power Switching Application
SPDT switch required to isolate cir-
cuit and connect to VSTANDBY
Always-On
Circuit
Main
Circuit
Main power supply shutdown
control in ATX power supply
Seconday supply
(always on)
Main Supply
ACPI Control


유사한 부품 번호 - SI4700DYQ1

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4700 SILABS-SI4700 Datasheet
1Mb / 42P
   Device initialization sequence and busmode selection
SI4700 SILABS-SI4700 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
SI4700 SILABS-SI4700 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4700 SILABS-SI4700 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results

유사한 설명 - SI4700DYQ1

제조업체부품명데이터시트상세설명
logo
Advanced Analogic Techn...
AAT4674 ANALOGICTECH-AAT4674 Datasheet
242Kb / 13P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4672 SKYWORKS-AAT4672_12 Datasheet
552Kb / 12P
   Power Supply Selector Switch
logo
Advanced Analogic Techn...
AAT4672 ANALOGICTECH-AAT4672 Datasheet
1Mb / 24P
   Power Supply Selector Switch
AAT4674 ANALOGICTECH-AAT4674_08 Datasheet
280Kb / 12P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4674 SKYWORKS-AAT4674_12 Datasheet
615Kb / 12P
   Power Supply Selector Switch
logo
Schneider Electric
9001KS11BH27 SCHNEIDER-9001KS11BH27 Datasheet
78Kb / 1P
   SELECTOR SWITCH
Aug 15, 2019
logo
Festo Corporation.
HW-6-38 FESTO-HW-6-38 Datasheet
79Kb / 1P
   Selector switch
logo
ON Semiconductor
CAT6500 ONSEMI-CAT6500 Datasheet
116Kb / 13P
   3.0 A Power Selector Switch
November, 2015 ??Rev. 2
logo
DAICO Industries, Inc.
100D9288 DAICO-100D9288 Datasheet
44Kb / 1P
   Switch Selector UHF Antenna
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com