전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMY4A 데이터시트(PDF) 1 Page - Rohm

부품명 FMY4A
상세설명  Power management (dual transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

FMY4A 데이터시트(HTML) 1 Page - Rohm

  FMY4A Datasheet HTML 1Page - Rohm FMY4A Datasheet HTML 2Page - Rohm FMY4A Datasheet HTML 3Page - Rohm FMY4A Datasheet HTML 4Page - Rohm FMY4A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FMY4A
Transistors
Rev.A
1/4
Power management (dual transistors)
FMY4A
Feature
1) Both a 2SA1037AK chip and 2SC2412K chip in a
EMT or UMT or SMT package.
Equivalent circuits
FMY4A
(3)
(2)
(1)
(4)
(5)
Tr2
Tr1
External dimensions (Unit : mm)
ROHM : SMT5
FMY4A
EIAJ : SC-74A
Each lead has same dimensions
0.3to0.6
1.6
2.8
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
−60
60
Tr1
Tr2
Unit
V
−50
50
V
−67
−150
150
V
mA
300 (TOTAL)
−55 to +150
°C
150
°C
VCBO
VCEO
VEBO
IC
1
mW
PC
Tj
Tstg
1 200mW per element must not be exceeded.
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Package, marking, and packaging specifications
Part No.
FMY4A
SMT5
Y4
T148
3000
Package
Marking
Code
Basic ordering unit (pieces)


유사한 부품 번호 - FMY4A

제조업체부품명데이터시트상세설명
logo
Rohm
FMY4A ROHM-FMY4A Datasheet
74Kb / 3P
   Power management (dual transistors)
FMY4A ROHM-FMY4A Datasheet
34Kb / 1P
   Power Management(Dual Transistors)
FMY4A ROHM-FMY4A Datasheet
61Kb / 2P
   Power management (dual transistors)
FMY4A ROHM-FMY4A Datasheet
80Kb / 5P
   Power management (dual transistors)
logo
Guangdong Kexin Industr...
FMY4A KEXIN-FMY4A Datasheet
210Kb / 4P
   Power Management
More results

유사한 설명 - FMY4A

제조업체부품명데이터시트상세설명
logo
Rohm
EMF6 ROHM-EMF6 Datasheet
97Kb / 5P
   Power management (dual transistors)
UMF6N ROHM-UMF6N Datasheet
99Kb / 6P
   Power management (dual transistors)
EMZ2T2R ROHM-EMZ2T2R Datasheet
85Kb / 5P
   Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
99Kb / 5P
   Power management (dual transistors)
VT6X12 ROHM-VT6X12 Datasheet
191Kb / 3P
   Power management (dual transistors)
EMF5 ROHM-EMF5_08 Datasheet
89Kb / 5P
   Power management (dual transistors)
VT6T2 ROHM-VT6T2 Datasheet
190Kb / 3P
   Power management (dual transistors)
VT6T11 ROHM-VT6T11 Datasheet
193Kb / 3P
   Power management (dual transistors)
VT6X1 ROHM-VT6X1 Datasheet
192Kb / 3P
   Power management (dual transistors)
UMF9N ROHM-UMF9N Datasheet
97Kb / 6P
   Power management (dual transistors)
EMF4 ROHM-EMF4 Datasheet
100Kb / 5P
   Power management (dual transistors)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com