전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM11B-SRSS-TB 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 SM11B-SRSS-TB
상세설명  Disconnectable Insulation displacement connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SM11B-SRSS-TB 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  SM11B-SRSS-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers SM11B-SRSS-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers SM11B-SRSS-TB Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
225
13.0(.512)dia.
Carrier tape
Feeding direction
Cover tape leader area
Tail tape
(Unloaded area)
40(1.575) min.
Connector
loaded area
Lead tape
(Unloaded area)
20 vacancies min.
400(15.748) min.
Feeding direction
(W1
+.098
-.039
W1
+2.5
-1.0
)
2.0
± 0.5
(.079
± .002)
8.0
± 0.1
(.315
± .004)
0.38
± 0.05
(.015
± .002)
3.25
(.128)
4.0
± 0.1
(.157
± .004)
2.0
± 0.1
(.079
± .004)
Feeding direction
Carrier tape
Cover tape
1.55
± 0.05
(.061
± .002)dia.
Cover tape
12
±0.1
(.315
±.004)
0.38
±0.05
(.015
±.002)
4.55
(.179)
4.0
±0.1
(.157
±.004)
2.0
±0.1
(.079
±.004)
Feeding direction
Carrier tape
1.55
±0.05
(.061
±.002)dia.
Taping specifications ––––––––––––––––––––––––––––––––––––––––––––––––––––––
Side entry type
Cir-
cuits
Top
entry
type
Side
entry
type
2 to 3
4
5 to 7
8
9 to 14
Q'ty / reel
Top
entry
type
Side
entry
type
Top
entry
type
Side
entry
type
Top
entry
type
Side
entry
type
Top
entry
type
Side
entry
type
Taping dimensions mm(in.)
FS
W
W1
Reel dimensions mm(in.)
5.5(.217)
7.5(.295)
7.5(.295)
11.5(.453)
11.5(.453)
5.5(.217)
5.5(.217)
7.5(.295)
7.5(.295)
11.5(.453)
4.75(.187)
6.75(.266)
6.75(.266)
10.75(.423)
10.75(.423)
4.75(.187)
4.75(.187)
6.75(.266)
6.75(.266)
10.75(.423)
12(.472)
16(.630)
16(.630)
24(.945)
24(.945)
12(.472)
12(.472)
16(.630)
16(.630)
24(.945)
13.5(.531)
17.5(.689)
17.5(.689)
25.5(1.004)
25.5(1.004)
13.5(.531)
13.5(.531)
17.5(.689)
17.5(.689)
25.5(1.004)
1,500
1,500
1,500
1,500
1,500
3,000
3,000
3,000
3,000
3,000
Top entry type
SR CONNECTOR
Note:
1. Specifications conform to JIS C 0806. The tape width, connector recess hole dimensions, etc. are determined by the number of circuits and external shape of
the connector to be loaded.
2. Specifications are subject to change without prior notice.


유사한 부품 번호 - SM11B-SRSS-TB

제조업체부품명데이터시트상세설명
logo
Lightel Technologies IN...
SM11B-SRSS-TB LIGHTEL-SM11B-SRSS-TB Datasheet
151Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SM11B-SRSS-TB ETC2-SM11B-SRSS-TB Datasheet
161Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
More results

유사한 설명 - SM11B-SRSS-TB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SSR ETC2-SSR Datasheet
89Kb / 3P
   Disconnectable Insulation displacement connectors
SM02B-SURS-TF ETC2-SM02B-SURS-TF Datasheet
84Kb / 2P
   0.8mm pitch/Disconnectable Insulation displacement connectors
06HR-6S-P-N ETC2-06HR-6S-P-N Datasheet
166Kb / 2P
   2.5mm pitch/Disconnectable Insulation displacement connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com