전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

80CL31 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 80CL31
상세설명  Low-voltage single-chip 8-bit microcontrollers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80CL31 데이터시트(HTML) 5 Page - NXP Semiconductors

  80CL31 Datasheet HTML 1Page - NXP Semiconductors 80CL31 Datasheet HTML 2Page - NXP Semiconductors 80CL31 Datasheet HTML 3Page - NXP Semiconductors 80CL31 Datasheet HTML 4Page - NXP Semiconductors 80CL31 Datasheet HTML 5Page - NXP Semiconductors 80CL31 Datasheet HTML 6Page - NXP Semiconductors 80CL31 Datasheet HTML 7Page - NXP Semiconductors 80CL31 Datasheet HTML 8Page - NXP Semiconductors 80CL31 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Philips Semiconductors
Product specification
80CL31/80CL51
Low-voltage single-chip 8-bit microcontrollers
January 1995
5
BLOCK DIAGRAM
PROGRAMMABLE
I/O
TWO 16-BIT TIMER/
EVENT COUNTERS
DATA MEMORY
(128 BY 8 RAM)
PROGRAM
MEMORY
(4K BY 8 ROM)
64K BYTE BUS
EXPANSION
CONTROL
OSCILLATOR
AND TIMING
CPU
PROGRAMMABLE
SERIAL PORT,
FULL DUPLEX UART,
SYNCHRONOUS
SHIFT
RXD
TXD
(1)
PARALLEL PORTS
ADDRESS/DATA BUS
I/O PINS
CONTROL
10
3
INTERNAL
INTERRUPTS
XTAL2 XTAL1
FREQUENNCY REFERENCE
T0
T1
COUNTER1
80CL51
EXTERNAL ENTERRUPTS1
1. Pins shared with parallels ports pins.
FUNCTIONAL DIAGRAM
PORT 0
PORT 1
PORT 2
PORT 3
ADDRESS AND
DATA BUS
ADDRESS BUS
RxD/data
TxD/clock
INT0
INT1
T0
T1
WR
RD
ALTERNATIVE
EA
PSEN
ALE
VSS
VDD
RST
INT2/INT9
XTAL1
XTAL2
FUNCTIONS


유사한 부품 번호 - 80CL31

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
80CL410 PHILIPS-80CL410 Datasheet
289Kb / 28P
   Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
logo
International Rectifier
80CLQ150 IRF-80CLQ150 Datasheet
54Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
80CLQ150 IRF-80CLQ150 Datasheet
107Kb / 4P
   SCHOTTKY RECTIFIER
80CLQ150 IRF-80CLQ150_15 Datasheet
107Kb / 4P
   SCHOTTKY RECTIFIER
More results

유사한 설명 - 80CL31

제조업체부품명데이터시트상세설명
logo
Intel Corporation
8XL51FA INTEL-8XL51FA Datasheet
285Kb / 20P
   LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
8XL52 INTEL-8XL52 Datasheet
284Kb / 20P
   LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com