전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCA1C475M 데이터시트(PDF) 3 Page - Rohm

부품명 TCA1C475M
상세설명  Chip tantalum capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

TCA1C475M 데이터시트(HTML) 3 Page - Rohm

  TCA1C475M Datasheet HTML 1Page - Rohm TCA1C475M Datasheet HTML 2Page - Rohm TCA1C475M Datasheet HTML 3Page - Rohm TCA1C475M Datasheet HTML 4Page - Rohm TCA1C475M Datasheet HTML 5Page - Rohm TCA1C475M Datasheet HTML 6Page - Rohm TCA1C475M Datasheet HTML 7Page - Rohm TCA1C475M Datasheet HTML 8Page - Rohm TCA1C475M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TC series
Tantalum capacitors
Rev.A
3/13
Characteristics
Item
Performance
Test conditions
(based on JIS C 5101
−1 and JIS C 5101−3)
Operating Temperature
−55 C∼+125 C
Maximum operating
temperature with no voltage
derating
+85 C
Rated voltage
(VDC)
20
16
10
6.3
4
16
10
6.3
4
Category voltage
(VDC)
at 125 C
at 85 C
10
6.3
4
2.5
13
10
6.3
4
2.5
Surge voltage
(VDC)
26
20
20
13
13
8
8
5.2
5.2
DC Leakage current
0.5
µF or 0.01CV whichever is greater
Shown in " Standard list "
Tangent of loss angle
(Df, tan
δ)
Impedance
Appea-
rance
∆C / C
Df
(tan
δ)
L.C.
Shall be satisfied the voltage on " Standard list "
Shall be satisfied allowance range.
Shall be satisfied allowance range.
Shall be satisfied the voltage on " Standard list "
at 85 C
M case
M case
M case
M case
M case
M case
Mcase
P, Acase
P, Acase
P,Acase
M case
P,Acase
P, Acase
P,Acase
Voltage reduction when temperature exceeds
+85 C
Capacitance tolerance
+1.5~2V.DC
Measuring frequency : 120 12Hz
Measuring voltage
: 0.5Vrms
+−
Measuring circut
: DC Equivalent series circuit
+1.5~2V.DC
Measuring frequency : 120 12Hz
Measuring frequency : 100 10kHz
Measuring voltage
: 0.5Vrms
Measuring voltage
: 0.5Vrms or less
+−
+−
Measuring circut
: DC Equivalent series circuit
Resistance to
Soldering heat
There should be nosignificant abnormality.
The indications should be clear.
P case
P case
A case
A case
+−
Dip in the solder bath
Solder temp
: 260 5 C
Duration
: 5 0.5s
Repetition
: 1
+−
Ratedvoltage for 5min
Rated voltage for 1min
Less than 200% of initial limit
Less than 200% of initial limit
Less than 150% of initial limit
Less than initial limit
Shall be satisfied the value in Item No.6
Within 20% of initial value
+−
+−20%
+−10%, +−20%
10% of initial value
+−
5% of initial value
+−


유사한 부품 번호 - TCA1C475M

제조업체부품명데이터시트상세설명
logo
Rohm
TCA1C475M8R ROHM-TCA1C475M8R Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCA1C475M8R ROHM-TCA1C475M8R Datasheet
933Kb / 8P
   Chip tantalum capacitors
More results

유사한 설명 - TCA1C475M

제조업체부품명데이터시트상세설명
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com