전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD1985-3.8V 데이터시트(PDF) 9 Page - Unisonic Technologies

부품명 LD1985-3.8V
상세설명  LINEAR INTEGRATED CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1985-3.8V 데이터시트(HTML) 9 Page - Unisonic Technologies

Back Button LD1985-3.8V Datasheet HTML 3Page - Unisonic Technologies LD1985-3.8V Datasheet HTML 4Page - Unisonic Technologies LD1985-3.8V Datasheet HTML 5Page - Unisonic Technologies LD1985-3.8V Datasheet HTML 6Page - Unisonic Technologies LD1985-3.8V Datasheet HTML 7Page - Unisonic Technologies LD1985-3.8V Datasheet HTML 8Page - Unisonic Technologies LD1985-3.8V Datasheet HTML 9Page - Unisonic Technologies LD1985-3.8V Datasheet HTML 10Page - Unisonic Technologies LD1985-3.8V Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
UTCLD1985
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
9
QW-R102-021,B
80
25
0
75
50
60
125
40
100
150
Supply Voltage Rejection vs Output Current
20
Io (mA)
0
Vi=3.5 ~ 6.5V
Co=10µ F
fosc=1KHz
70
60
40
Supply Voltage Rejection vs Frequency
20
f (KHz)
0
50
30
10
10
1
10
2
10
3
10
4
Vi=3.5 ~ 6.5V
Io=10mA
Vo=2.5V
Co=1µ F
80
25
075
50
60
125
40
100
150
Supply Voltage Rejection vs Output Current
20
Io (mA)
0
Vi=3.5 ~ 6.5V
Co=1µ F
fosc=1KHz
Line Transient
Vin
Vout
Vo=2.5V, Io=50mA, no Ci, Co=4.7µ F, tr=tf=20ns
Ch1 500mV
20.0mV
CH2
M 10.0μs Ch1
3.96V
Ch2
1
?
?
T
Tek Run:5.00MS/s Average
1
100
175
100
175
80
10
5
Line Transient
Vin
Vout
Vo=2.5V, Io=50mA, no Ci, Co=4.7μF, tr=tf=1μs
500mV
20.0mV
CH2
M 10.0µ s Ch1
3.96V
1
?
?
T
Tek Run:5.00MS/s Average
Ch1
Ch2
2
f (KHz)
70
60
40
Supply Voltage Rejection vs Frequency
20
0
50
30
10
10
1
10
2
10
3
10
4
Vi=2.8 ~ 5.8V
Io=10mA
Vo=1.8V
Co=10µ F
10
5


유사한 부품 번호 - LD1985-3.8V

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
LD1985-30-AF5-R UTC-LD1985-30-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985-31-AF5-R UTC-LD1985-31-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985-32-AF5-R UTC-LD1985-32-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
More results

유사한 설명 - LD1985-3.8V

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com