전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33990D 데이터시트(PDF) 10 Page - Freescale Semiconductor, Inc

부품명 MC33990D
상세설명  Enhanced Class B Serial Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33990D 데이터시트(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC33990D Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33990D Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33990D Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33990D Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33990D Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33990D Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33990D Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33990D Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33990D Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
33990
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
10
SYSTEM/APPLICATION INFORMATION
INTRODUCTION
The 33990 is a serial transceiver device designed to meet
the SAE Standard J-1850 Class B performance for bi-
directional half-duplex communication. The device is packaged
in an economical surface-mount SOIC plastic package. An
internal block diagram of the device is shown in Figure 1.
The 33990 derives its robustness to temperature and voltage
extremes from being built on a SMARTMOS process,
incorporating CMOS logic, bipolar/MOS analog circuitry, and
DMOS power FETs. Though the 33990 was principally
designed for automotive applications requiring SAE J-1850
Class B standards, it is suited for other serial communication
applications. It is parametrically specified over an ambient
temperature range of -40
°C ≤ TA ≤ 125°C and 7.0 V ≤ VBAT
16 V supply. The economical 8-pin SOICN surface mount
plastic package makes the device a cost-effective solution.
FUNCTIONAL DESCRIPTION
Input Power (VBAT Pin)
This is the only required input power source necessary to
operate the 33990. The internal voltage reference of the 33990
will remain fully operational with a minimum of 9.0 V on this pin.
Bus transmissions can continue with battery voltages down to
5.0 V. The bus output voltage will follow the battery voltage
down and, in doing so, track approximately 1.6 V below the
battery voltage. The device will continue to receive and transmit
bus data to the microcontroller with battery voltages as low as
4.25 V. The pin can withstand voltages from -16 V to 40 V.
Sleep Input (SLEEP Pin)
This input is used to enable and disable the Class B
transmitter. The Class B receiver is always enabled so long as
adequate VBAT pin voltage is applied. When the SLEEP pin
voltage is 5.0 V, the Class B transmitter is enabled. If this input
is 0 V, the Class B transmitter will be disabled and less than
65 µA of current will be drawn by the VBAT pin. The pin also
provides a 5.0 V reference, internal to the device, used to
establish the Rx output level and slew rate times.
Class B Functional Description
The transmitter provides an analog waveshaped 0 V to 7.0 V
waveform on the BUS output. It also receives waveforms and
transmits a digital level signal back to a logic IC. The transmitter
can drive up to 32 secondary Class B transceivers (see
Figures 9 and 10). These secondary nodes may be at ground
potentials that are
±2.0 V relative to the control assembly.
Waveshaping will only be maintained during 2 of the 4 corners
when the 0 to
±2.0 V ground potential difference condition
exists. The 33990 is a secondary node on the Class B bus.
Each secondary transceiver has a 470
±10% pF capacitor on
its output for EMI suppression purposes, as well as a 10.6 k
±5% pull-down resistor to ground. The primary node has a
3300
±10% pF capacitor on its output for EMI suppression, as
well as a 1.5 k
Ω ±5% pull-down resistor to ground. With more
than 26 nodes, there is no primary node (see Figure 11). All
nodes will have a 470
±10% pF capacitor and a 10.6 kΩ ±5%
pull-down resistor. No matter how many secondary nodes are
on the Class B bus, the RC time constant of the Class B bus is
maintained at approximately 5.0 µs. The minimum and
maximum capacitance and resistance on the Class B bus is
given by the expressions shown in Table 1.
Figure 9. Minimum Bus Load
Figure 10. Maximum Number of Nodes
Figure 11. Maximum Bus Load
3300 pF
1.5 k
470 pF
10.6 k
One Primary Node
1.5 k
470 pF
10.6 k
Primary Node
442
24 Secondary Nodes
3300 pF
11280 pF
14570 pF
342
470 pF
10.6 k
31 Secondary Nodes
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


유사한 부품 번호 - MC33990D

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC33990D FREESCALE-MC33990D Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
MC33990D/DR2 FREESCALE-MC33990D/DR2 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
MC33990DDR2 FREESCALE-MC33990DDR2 Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
More results

유사한 설명 - MC33990D

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC33990 FREESCALE-MC33990_08 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
33990 FREESCALE-33990_06 Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
33390 FREESCALE-33390 Datasheet
416Kb / 15P
   Class B Serial Transceiver
logo
Motorola, Inc
MC33390 MOTOROLA-MC33390 Datasheet
450Kb / 16P
   Class B Serial Transceiver
logo
Source Photonics, Inc.
SFU-43-48H-HP-RDE SOURCE-SFU-43-48H-HP-RDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
logo
Finisar Corporation.
FTGN3025Q1TAS FINISAR-FTGN3025Q1TAS Datasheet
99Kb / 10P
   GPON ONU Class B Pigtailed RoHS Compliant Transceiver
FTGL2025S1TUS FINISAR-FTGL2025S1TUS Datasheet
91Kb / 10P
   GPON OLT Class B Pigtailed RoHS Compliant Transceiver
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
   Enhanced SoloLIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com