전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1350 데이터시트(PDF) 2 Page - Panasonic Semiconductor

부품명 2SD1350
상세설명  Silicon NPN triple diffusion planer type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1350 데이터시트(HTML) 2 Page - Panasonic Semiconductor

  2SD1350 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1350 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SD1350, 2SD1350A
PC — Ta
IC — VCE
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
0
160
40
120
80
140
20
100
60
0
1.6
1.2
0.4
1.0
1.4
0.8
0.2
0.6
Printed circut board: Copper
foil area of 1cm2 or more, and
the board thickness of 1.7mm
for the collector portion.
Ambient temperature Ta (˚C)
012
10
8
26
4
0
120
100
80
60
40
20
Ta=25˚C
0.9mA
0.7mA
0.5mA
0.3mA
0.1mA
0.8mA
0.6mA
0.4mA
0.2mA
I
B=1.0mA
Collector to emitter voltage V
CE
(V)
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=5
25˚C
–25˚C
Ta=75˚C
Collector current I
C
(mA)
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=5
Ta=–25˚C
25˚C
75˚C
Collector current I
C
(mA)
1
10
100
1000
3
30
300
0
120
100
80
60
40
20
V
CE=5V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
– 0.001
– 0.01
– 0.1
–1
– 0.003
– 0.03
– 0.3
0
60
50
40
30
20
10
V
CB=30V
Ta=25˚C
Emitter current I
E
(A)
10
30
100
300
1000
0
30
25
20
15
10
5
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)


유사한 부품 번호 - 2SD1350

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SD1351 ISC-2SD1351 Datasheet
64Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1351 SAVANTIC-2SD1351 Datasheet
103Kb / 3P
   Silicon NPN Power Transistors
logo
Thinki Semiconductor Co...
2SD1351 THINKISEMI-2SD1351 Datasheet
558Kb / 1P
   NPN Complementary Silicon Power Transistors
logo
Savantic, Inc.
2SD1351 SAVANTIC-2SD1351 Datasheet
105Kb / 3P
   Silicon NPN Power Transistors
logo
KEC(Korea Electronics)
2SD1351A KEC-2SD1351A Datasheet
177Kb / 5P
   2SC3229
More results

유사한 설명 - 2SD1350

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
2SD2413 BILIN-2SD2413 Datasheet
149Kb / 3P
   Silicon NPN triple diffusion planer type
logo
Panasonic Semiconductor
2SC1473 PANASONIC-2SC1473 Datasheet
47Kb / 3P
   Silicon NPN triple diffusion planer type
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
2SD2530 PANASONIC-2SD2530 Datasheet
45Kb / 1P
   Silicon NPN triple diffusion planer type Darlington(For power amplification)
2SD2420 PANASONIC-2SD2420 Datasheet
45Kb / 1P
   Silicon NPN triple diffusion planer type Darlington(For power amplification)
2SD2538 PANASONIC-2SD2538 Datasheet
45Kb / 1P
   Silicon NPN triple diffusion planer type Darlington(For power amplification)
2SC3869 PANASONIC-2SC3869 Datasheet
51Kb / 3P
   Silicon NPN triple diffusion type
2SC3187 PANASONIC-2SC3187 Datasheet
36Kb / 2P
   Silicon NPN triple diffusion planer type(For small TV video output)
2SD2413 PANASONIC-2SD2413 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planer type(For low-frequency output amplification)
2SD1385 PANASONIC-2SD1385 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planer type(For low-frequency output amplification)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com