전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IZD1521OA 데이터시트(PDF) 9 Page - Integral Corp.

부품명 IZD1521OA
상세설명  DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEGRAL [Integral Corp.]
홈페이지  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZD1521OA 데이터시트(HTML) 9 Page - Integral Corp.

Back Button IZD1521OA Datasheet HTML 4Page - Integral Corp. IZD1521OA Datasheet HTML 5Page - Integral Corp. IZD1521OA Datasheet HTML 6Page - Integral Corp. IZD1521OA Datasheet HTML 7Page - Integral Corp. IZD1521OA Datasheet HTML 8Page - Integral Corp. IZD1521OA Datasheet HTML 9Page - Integral Corp. IZD1521OA Datasheet HTML 10Page - Integral Corp. IZD1521OA Datasheet HTML 11Page - Integral Corp. IZD1521OA Datasheet HTML 12Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IZD1520U
9
DISPLAY COMMANDS
(Based on the 80-port MPU; the RD and WR commands differ for the 68-port MPU)
Command
RD WR A0
D7 D6 D5 D4 D3 D2 D1 D0
Function
1
Display ON/OFF
1 0
0
1 0
1 0 1 1
1 0/1
Switches the entire display ON or OFF regard-
less of the Display RAM’s data or the internal
status. *Note
2
Display START
Line
1 0
0
1 1
0 Display START
address (0
÷ 31)
Determines the line of RAM data to be dis-
played at the display’s top line (COM0)
3
Page Address
Set
1 0
0
1 0
1 1 1 0
Page
Sets the page of the Display RAM in the page
address register
4
Column (Seg-
ment) Address
Set
1 0
0
0
Column address
(0
÷ 79)
Sets the column address of the Display RAM
in the column address register
5
Status Read
0 1
0
0
0
0
0
Reads the status.
BUSY 1: Busy (internal processing) 0: READY
status
ADC
1: Rightward (forward) output
0: Leftward (reverse) output
ON/OFF 1: Display OFF
0: Display ON
RESET 1: Resetting
0: Normal
6
Write Display
Data
1 0
1
Write Data
Writes the data on
the data bus to RAM
These commands ac-
cess a previously speci-
fied address
7
Read Display
Data
0 1
1
Read Data
Reads data from the
Display RAM onto
the data bus
of the Display RAM,
after which the column
address is incremented
one
8
ADC Select
1 0
0
1 0
1 0 0 0
0 0/1
Used to reverse the correspondence between
the Display RAM’s column addresses and
segment driver output ports
0: Rightward (forward) output 1: Leftward (re-
verse)
9
Static Drive
ON/OFF
1 0
0
1 0
1 0 0 1
0 0/1
Selects normal display operation or static all-fit
drive display operation
1: Static drive (Power Save) 0: Normal display
10 Duty Select
1 0
0
1 0
1 0 1 0
0 0/1
Selects the duty factor for driving LCD cells
1: 1/32 duty
0: 1/16 duty
11 Read Modify
Write
1 0
0
1 1
1 0 0 0
0
0
Increments the column address counter by
one only when display data is written but not
when it is read
12 End
1 0
0
1 1
1 0 1 1
1
0
Cancels the Ready Modify Write mode
13 Reset
1 0
0
1 1
1 0 0 0
1
0
Resets the Display START line to the 1-st line
in the register.
Resets the column address counter and page
address register to 0.
Note: Power Save mode is entered by selecting static drive in the Display OFF status.


유사한 부품 번호 - IZD1521OA

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IZD1521OA INTEGRAL-IZD1521OA Datasheet
153Kb / 13P
   CMOS DOT MATRIX LCD DRIVER
More results

유사한 설명 - IZD1521OA

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12