전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD18KA5FP 데이터시트(PDF) 2 Page - Rohm

부품명 BD18KA5FP
상세설명  Low ESR Capacitor, Low Dropout 500mA Regulator IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD18KA5FP 데이터시트(HTML) 2 Page - Rohm

  BD18KA5FP Datasheet HTML 1Page - Rohm BD18KA5FP Datasheet HTML 2Page - Rohm BD18KA5FP Datasheet HTML 3Page - Rohm BD18KA5FP Datasheet HTML 4Page - Rohm BD18KA5FP Datasheet HTML 5Page - Rohm BD18KA5FP Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image


유사한 부품 번호 - BD18KA5FP

제조업체부품명데이터시트상세설명
logo
Rohm
BD18KA5FP ROHM-BD18KA5FP Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD18KA5FP-E2 ROHM-BD18KA5FP-E2 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
BD18KA5FP-E2 ROHM-BD18KA5FP-E2 Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
More results

유사한 설명 - BD18KA5FP

제조업체부품명데이터시트상세설명
logo
Rohm
BDXXKA5WF ROHM-BDXXKA5WF Datasheet
329Kb / 6P
   Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
BDXXKA5WFP ROHM-BDXXKA5WFP Datasheet
324Kb / 6P
   Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
BD00KA5WF ROHM-BD00KA5WF Datasheet
212Kb / 6P
   Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
BD00KA5WFP ROHM-BD00KA5WFP Datasheet
210Kb / 6P
   Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
BD90C0AFPS ROHM-BD90C0AFPS Datasheet
141Kb / 5P
   Low ESR Capacitor, 1A Low Dropout Voltage Regulator
BD80C0AFPS ROHM-BD80C0AFPS Datasheet
140Kb / 5P
   Low ESR Capacitor, 1A Low Dropout Voltage Regulator
logo
Texas Instruments
REG103-25 TI1-REG103-25 Datasheet
937Kb / 26P
[Old version datasheet]   500mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5237 MICREL-MIC5237_07 Datasheet
177Kb / 9P
   500mA Low-Dropout Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com