전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC87C251SB16 데이터시트(PDF) 3 Page - Intel Corporation

부품명 TC87C251SB16
상세설명  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

TC87C251SB16 데이터시트(HTML) 3 Page - Intel Corporation

  TC87C251SB16 Datasheet HTML 1Page - Intel Corporation TC87C251SB16 Datasheet HTML 2Page - Intel Corporation TC87C251SB16 Datasheet HTML 3Page - Intel Corporation TC87C251SB16 Datasheet HTML 4Page - Intel Corporation TC87C251SB16 Datasheet HTML 5Page - Intel Corporation TC87C251SB16 Datasheet HTML 6Page - Intel Corporation TC87C251SB16 Datasheet HTML 7Page - Intel Corporation TC87C251SB16 Datasheet HTML 8Page - Intel Corporation TC87C251SB16 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
PRELIMINARY
3
8XC251SA/SB/SP/SQ HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Figure 1. 8XC251SA/SB/SP/SQ Block Diagram
SRC2 (8)
Code Address (24)
Clock & Reset
Code Bus (16)
Data RAM
512 Bytes
or
1024 Bytes
Code
OTPROM/ROM
8 Kbytes
or
16 Kbytes
Watchdog
Timer
Timer/
Counters
PCA
Serial I/O
Peripherals
Port 2
Drivers
P2.7:0
Port 0
Drivers
P0.7:0
Port 3
Drivers
P3.7:0
Port 1
Drivers
P1.7:0
Memory Address (16)
MCS® 251 Microcontroller Core
System Bus and I/O Ports
I/O Ports and
Peripheral Signals
SRC1 (8)
Peripheral
Interface
Interrupt
Handler
Clock
&
Reset
Bus Interface
Instruction Sequencer
DST (16)
ALU
Data
Memory
Interface
Memory Data (16)
Register
File
8XC251SA/SB/SP/SQ Microcontroller
A4214-01


유사한 부품 번호 - TC87C251SB16

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
TC8750 TELEDYNE-TC8750 Datasheet
537Kb / 8P
   3-1/2 DIGIT Analog-to-digital converter with parallel bdc output
TC8750CPG TELEDYNE-TC8750CPG Datasheet
537Kb / 8P
   3-1/2 DIGIT Analog-to-digital converter with parallel bdc output
TC8750EHG TELEDYNE-TC8750EHG Datasheet
537Kb / 8P
   3-1/2 DIGIT Analog-to-digital converter with parallel bdc output
TC8750MHG TELEDYNE-TC8750MHG Datasheet
537Kb / 8P
   3-1/2 DIGIT Analog-to-digital converter with parallel bdc output
More results

유사한 설명 - TC87C251SB16

제조업체부품명데이터시트상세설명
logo
Intel Corporation
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EN80C251TB24 INTEL-EN80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251TA INTEL-8XC251TA Datasheet
238Kb / 34P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P80C251TB24 INTEL-P80C251TB24 Datasheet
819Kb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
N80C251TB24 INTEL-N80C251TB24 Datasheet
1Mb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
   16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com