전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1820 데이터시트(PDF) 1 Page - Panasonic Semiconductor

부품명 2SD1820
상세설명  Silicon NPN epitaxial planer type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1820 데이터시트(HTML) 1 Page - Panasonic Semiconductor

  2SD1820 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1820 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SD1820, 2SD1820A
Silicon NPN epitaxial planer type
For general amplification
Complementary to 2SB1219 and 2SB1219A
s Features
q
Low collector to emitter saturation voltage VCE(sat).
q
S-Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Emitter
EIAJ:SC–70
3:Collector
S–Mini Type Package
2.1
±0.1
1.25
±0.1
0.425
0.425
1
3
2
0.2
±0.1
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
30
60
25
50
5
1
500
150
150
–55 ~ +150
Unit
V
V
V
A
mA
mW
˚C
˚C
2SD1820
2SD1820A
2SD1820
2SD1820A
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base
voltage
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCBO
VCEO
VEBO
hFE1
*1
hFE2
VCE(sat)
fT
Cob
Conditions
VCB = 20V, IE = 0
IC = 10µA, IE = 0
IC = 2mA, IB = 0
IE = 10µA, IC = 0
VCE = 10V, IC = 150mA
*2
VCE = 10V, IC = 500mA
*2
IC = 300mA, IB = 30mA
*2
VCB = 10V, IE = –50mA
*2, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
min
30
60
25
50
5
85
40
typ
160
0.35
200
6
max
0.1
340
0.6
15
Unit
µA
V
V
V
V
MHz
pF
*2 Pulse measurement
2SD1820
2SD1820A
2SD1820
2SD1820A
*1h
FE1 Rank classification
Rank
Q
R
S
hFE1
85 ~ 170
120 ~ 240
170 ~ 340
2SD1820
WQ
WR
WS
2SD1820A
XQ
XR
XS
Marking symbol :
W(2SD1820)
X(2SD1820A)
Marking
Symbol


유사한 부품 번호 - 2SD1820

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SD1820 PANASONIC-2SD1820 Datasheet
62Kb / 2P
   Silicon PNP epitaxial planer type
logo
Guangdong Kexin Industr...
2SD1820 KEXIN-2SD1820 Datasheet
45Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD1820-Q KEXIN-2SD1820-Q Datasheet
991Kb / 2P
   NPN Transistors
2SD1820-R KEXIN-2SD1820-R Datasheet
991Kb / 2P
   NPN Transistors
2SD1820-S KEXIN-2SD1820-S Datasheet
991Kb / 2P
   NPN Transistors
More results

유사한 설명 - 2SD1820

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
UN921MJ PANASONIC-UN921MJ Datasheet
315Kb / 18P
   Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
   Silicon NPN epitaxial planer type
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
2SD0602A PANASONIC-2SD0602A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
2SD1819A PANASONIC-2SD1819A Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com