전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1820 데이터시트(PDF) 2 Page - Panasonic Semiconductor

부품명 2SD1820
상세설명  Silicon NPN epitaxial planer type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1820 데이터시트(HTML) 2 Page - Panasonic Semiconductor

  2SD1820 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1820 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SD1820, 2SD1820A
PC — Ta
IC — VCE
IC — IB
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
VCER — RBE
0
160
40
120
80
140
20
100
60
0
240
200
160
120
80
40
Ambient temperature Ta (˚C)
020
16
412
8
0
800
600
200
500
700
400
100
300
Ta=25˚C
I
B=10mA
9mA
8mA
7mA
6mA
5mA
4mA
3mA
2mA
1mA
Collector to emitter voltage V
CE
(V)
010
8
26
4
0
800
600
200
500
700
400
100
300
V
CE=10V
Ta=25˚C
Base current I
B
(mA)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
25˚C
–25˚C
Ta=75˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
Ta=–25˚C
25˚C
75˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0
300
250
200
150
100
50
V
CE=10V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
–1
–3
–10
–30
–100
0
240
200
160
120
80
40
V
CB=10V
Ta=25˚C
Emitter current I
E
(mA)
1
3
10
30
100
0
12
10
8
6
4
2
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
1
10
100
1000
3
30
300
0
120
100
80
60
40
20
I
C=2mA
Ta=25˚C
2SD1820A
2SD1820
Base to emitter resistance R
BE
(k
Ω)


유사한 부품 번호 - 2SD1820

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SD1820 PANASONIC-2SD1820 Datasheet
62Kb / 2P
   Silicon PNP epitaxial planer type
logo
Guangdong Kexin Industr...
2SD1820 KEXIN-2SD1820 Datasheet
45Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD1820-Q KEXIN-2SD1820-Q Datasheet
991Kb / 2P
   NPN Transistors
2SD1820-R KEXIN-2SD1820-R Datasheet
991Kb / 2P
   NPN Transistors
2SD1820-S KEXIN-2SD1820-S Datasheet
991Kb / 2P
   NPN Transistors
More results

유사한 설명 - 2SD1820

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
UN921MJ PANASONIC-UN921MJ Datasheet
315Kb / 18P
   Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
   Silicon NPN epitaxial planer type
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
2SD0602A PANASONIC-2SD0602A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
2SD1819A PANASONIC-2SD1819A Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com