전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

171822 데이터시트(Datasheet) 2 Page - List of Unclassifed Manufacturers

부품명 171822
상세내용  Economy Interconnection (EI) Series Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo 

   
 2 page
background image
2173
Economy Interconnection (EI) Series Connectors
Catalogue 1654741
Revised 1-04
Dimensions are in inches and
millimetres unless otherwise
specified. Values in brackets
are metric equivalents.
Dimensions are shown for
reference purposes only.
Conversion Rate:
25.4mm = 1 inch
Products for Industrial &
Commercial Applications
Specifications subject to
change.
www.tycoelectronics.com
2
.079
[2.00]
.256
[6.50]
.098
[2.50]
Pitch
.098
[2.50]
.031
[0.80]
.031
[0.80]
.079
[2.00]
(.059 [1.5] for
2 Pos.)
Locking
Latch
C
B
A
Circuit
Number
.315
[8.00]
.220
[5.60]
.213
[5.40]
.232
[5.90]
.051
[1.30]
Receptacle Connectors (Wire Applied)
Low Profile Type
Receptacle Contacts
Material:
Pre-Tin Phosphor Bronze
Low Profile Type
Receptacle Housings
.098 [2.50]
Material:
UL 94V-0 rated, 6/6 nylon
Wire Size
Wire Ins.
Contact Part No.
Hand Tool
AWG
mm2
Dia.
S.T.
L.P.
Part Numbers
30-26
0.05~0.15
.039~.059 1.00~1.50
170370-1
724663-1
26-22
0.12~0.35
.043~.075 1.10~1.90 170354-1
170369-1
755332-1
Hand Tool Instruction Sheet: IS-099J (724663-1), IS-364J (755332-1).
Insertion Tool Number 724674-1. Extraction Tool Number 724676-1.
No. of
Dimensions
Part Numbers
Positions
ABC
Natural
2
.217
5.50
.205
5.20
.276
7.00
172142-2
3
.315
8.00
.303
7.70
.374
9.50
172142-3
4
.413 10.50
.402 10.20
.472 12.00
172142-4
Data downloaded from http://www.anglia.com - the website of Anglia - tel: 01945 474747
For the very latest product data
and news visit anglia.com




Html 페이지

1  2 


데이터시트



관련 부품명

부품명상세내용Html View제조사
PW-1634BA-CSUMICON 1600 SERIES RECTANGULAR CONNECTORS 1 2 3 4 5 MoreHirose Electric
RPC1-12P-6SRP SERIES CIRCULAR PLASTIC CONNECTORS 1 2 Hirose Electric
MS3108BCircular 97 Series Threaded Connectors with Solder Contacts MIL-C-5015 Type 1 2 3 4 List of Unclassifed Manufacturers
HS21PA-2AHS SERIES SHELL SIZE 12-35mm TRADITIONAL CONNECTORS 1 2 3 4 5 MoreHirose Electric
SR30-10PE-4PSR 30 SERIES CONNECTORS 1 2 3 4 Hirose Electric
DX30AJ-26P-CP3DX SERIES HIGH-DENSITY I/O CONNECTORS 1 2 3 4 5 MoreHirose Electric
3260-8S13200 SERIES SMT CONNECTORS FOR MICROMINIATURE INTERFACES 1 2 3 4 Hirose Electric
QRP-8P-CQR/P SERIES PLUG-IN CRIMP CONNECTORS 1 2 3 4 5 Hirose Electric
RC10-36R3-LWRC SERIES RIBBON CONNECTORS 1 2 3 4 5 MoreHirose Electric
P-1320-CT1300 SERIES RECTANGULAR CONNECTORS 1 2 3 4 5 MoreHirose Electric

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl