전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6911ETR 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 L6911ETR
상세설명  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911ETR 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button L6911ETR Datasheet HTML 4Page - STMicroelectronics L6911ETR Datasheet HTML 5Page - STMicroelectronics L6911ETR Datasheet HTML 6Page - STMicroelectronics L6911ETR Datasheet HTML 7Page - STMicroelectronics L6911ETR Datasheet HTML 8Page - STMicroelectronics L6911ETR Datasheet HTML 9Page - STMicroelectronics L6911ETR Datasheet HTML 10Page - STMicroelectronics L6911ETR Datasheet HTML 11Page - STMicroelectronics L6911ETR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
L6911E
8/20
Figure 3. High Side driver peak current.
Vboot-Vphase=12V (left) Vboot-Vphase=5V (right) CH1 = High Side Gate CH4 = Inductor Current
Figure 4. Low Side driver peak current.
Vcc=12V (left) Vcc=5V (right)CH1 = Low Side Gate CH4 = Inductor Current
Monitor and Protection
The output voltage is monitored by means of pin 1 (VSEN). If it is not within
±10% (typ.) of the programmed
value, the powergood output is forced low.
The device provides overvoltage protection, when the output voltage reaches a value 17% (typ.) greater than
the nominal one. If the output voltage exceed this threshold, the OVP pin is forced high (5V) and the lower driver
is turned on as long as the over-voltage is detected. The OVP pin is capable to deliver up to 60mA (min) in order
to trigger an external SCR connected to burn the input fuse. The low-side mosfet turn-on implement this function
when the SCR is not used and helps in keeping the ouput low.
To perform the overcurrent protection the device compares the drop across the high side MOS, due to its
RDSON, with the voltage across the external resistor (ROCS) connected between the OCSET pin and drain of
the upper MOS. Thus the overcurrent threshold (IP) can be calculated with the following relationship:
where the typical value of IOCS is 200µA.
To calculate the ROCS value it must be considered the maximum RDSON (also the variation with temperature)
and the minimum value of IOCS. To avoid undesirable trigger of overcurrent protection this relationship must be
satisfied:
I
P
I
OCS
R
OCS
R
DSON
--------------------------------
=


유사한 부품 번호 - L6911ETR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6911ETR STMICROELECTRONICS-L6911ETR Datasheet
482Kb / 34P
   5-Bit programmable step down controller with synchronous rectification
More results

유사한 설명 - L6911ETR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6911D STMICROELECTRONICS-L6911D Datasheet
233Kb / 17P
   5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6911C STMICROELECTRONICS-L6911C Datasheet
351Kb / 20P
   5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6911E STMICROELECTRONICS-L6911E_07 Datasheet
482Kb / 34P
   5-Bit programmable step down controller with synchronous rectification
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
   Adjustable step-down controller with synchronous rectification
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
   Adjustable step-down controller with synchronous rectification
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
   Adjustable step-down controller with synchronous rectification
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
   Adjustable step-down controller with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com