전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC51WKM616AXBN75 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TC51WKM616AXBN75
상세설명  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 4,194,304-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC51WKM616AXBN75 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TC51WKM616AXBN75 Datasheet HTML 1Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 2Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 3Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 4Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 5Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 6Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 7Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 8Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TC51WKM616AXBN75
2002-08-22
4/11
AC CHARACTERISTICS AND OPERATING CONDITIONS
(Ta
= −25°C to 85°C, VDD = 2.6 to 3.3 V, VDDQ = 1.7 to 2.2 V) (See Note 5 to 11)
SYMBOL
PARAMETER
MIN
MAX
UNIT
tRC
Read Cycle Time
75
10000
ns
tACC
Address Access Time
75
ns
tCO
Chip Enable ( CE1 ) Access Time
75
ns
tOE
Output Enable Access Time
25
ns
tBA
Data Byte Control Access Time
25
ns
tCOE
Chip Enable Low to Output Active
10
ns
tOEE
Output Enable Low to Output Active
0
ns
tBE
Data Byte Control Low to Output Active
0
ns
tOD
Chip Enable High to Output High-Z
20
ns
tODO
Output Enable High to Output High-Z
20
ns
tBD
Data Byte Control High to Output High-Z
20
ns
tOH
Output Data Hold Time
10
ns
tPM
Page Mode Time
75
10000
ns
tPC
Page Mode Cycle Time
30
ns
tAA
Page Mode Address Access Time
30
ns
tAOH
Page Mode Output Data Hold Time
10
ns
tWC
Write Cycle Time
75
10000
ns
tWP
Write Pulse Width
50
ns
tCW
Chip Enable to End of Write
75
ns
tBW
Data Byte Control to End of Write
60
ns
tAW
Address Valid to End of Write
60
ns
tAS
Address Set-up Time
0
ns
tWR
Write Recovery Time
0
ns
tODW
WE Low to Output High-Z
20
ns
tOEW
WE High to Output Active
0
ns
tDS
Data Set-up Time
30
ns
tDH
Data Hold Time
0
ns
tCS
CE2 Set-up Time
0
ns
tCH
CE2 Hold Time
300
µs
tDPD
CE2 Pulse Width
10
ms
tCHC
CE2 Hold from CE1
0
ns
tCHP
CE2 Hold from Power On
30
µs
AC TEST CONDITIONS
PARAMETER
CONDITION
Output load
30 pF
+ 1 TTL Gate
Input pulse level
VDDQ 0.2 V, 0.2 V
Timing measurements
VDDQ × 0.5
Reference level
VDDQ× 0.5
tR, tF
5 ns


유사한 부품 번호 - TC51WKM616AXBN75

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC51WKM516AXBN75 TOSHIBA-TC51WKM516AXBN75 Datasheet
115Kb / 11P
   2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
More results

유사한 설명 - TC51WKM616AXBN75

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC51WHM516AXGN65 TOSHIBA-TC51WHM516AXGN65 Datasheet
203Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS, 2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
TC51WKM516AXBN75 TOSHIBA-TC51WKM516AXBN75 Datasheet
115Kb / 11P
   2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
TC518129CPL TOSHIBA-TC518129CPL Datasheet
273Kb / 12P
   131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
TC518128CPL TOSHIBA-TC518128CPL Datasheet
293Kb / 14P
   131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
TC55V1403J TOSHIBA-TC55V1403J Datasheet
383Kb / 8P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC551402J TOSHIBA-TC551402J Datasheet
343Kb / 7P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC511632FL TOSHIBA-TC511632FL Datasheet
631Kb / 13P
   32,768 WORD x 16 BIT CMOS PSEUDO STATIC RAM
logo
NEC
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com