전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TH58NS100DC 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 TH58NS100DC
상세설명  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 - GBIT (128M X 8 BITS) CMOS NAND E2PROM ( 128M BYTE SmartMediaTM )
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TH58NS100DC 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  TH58NS100DC Datasheet HTML 1Page - Toshiba Semiconductor TH58NS100DC Datasheet HTML 2Page - Toshiba Semiconductor TH58NS100DC Datasheet HTML 3Page - Toshiba Semiconductor TH58NS100DC Datasheet HTML 4Page - Toshiba Semiconductor TH58NS100DC Datasheet HTML 5Page - Toshiba Semiconductor TH58NS100DC Datasheet HTML 6Page - Toshiba Semiconductor TH58NS100DC Datasheet HTML 7Page - Toshiba Semiconductor TH58NS100DC Datasheet HTML 8Page - Toshiba Semiconductor TH58NS100DC Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
TH58NS100DC
2001-03-21
2/43
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Power Supply Voltage
-0.6 to 4.6
V
VIN
Input Voltage
-0.6 to 4.6
V
VI/O
Input/Output Voltage
-0.6 V to VCC + 0.3 V (£ 4.6 V)
V
PD
Power Dissipation
0.3
W
Tstg
Storage Temperature
-20 to 65
°C
Topr
Operating Temperature
0 to 55
°C
CAPACITANCE *(Ta
==== 25°C, f ==== 1 MHz)
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
CIN
Input
VIN = 0 V
¾
50
pF
COUT
Output
VOUT = 0 V
¾
50
pF
* This parameter is periodically sampled and is not tested for every device.
I/O control circuit
Status register
Address register
Command register
Column buffer
Column decoder
Data register
Sense amp
Memory cell array
Control circuit
HV generator
Logic control
BY
/
RY
VCC
I/O1
VSS
I/O8
WP
CE
CLE
ALE
WE
RE
BY
/
RY
extended area
(embedded ID)
· The products described in this document are subject to the foreign exchange and foreign trade laws.
· The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its
use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or
others.
· The information contained herein is subject to change without notice.
000707EBA2


유사한 부품 번호 - TH58NS100DC

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TH58NVG0S3 STMICROELECTRONICS-TH58NVG0S3 Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
TH58NVG1D4 STMICROELECTRONICS-TH58NVG1D4 Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
TH58NVG1S3 STMICROELECTRONICS-TH58NVG1S3 Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
logo
Toshiba Semiconductor
TH58NVG1S3AFT TOSHIBA-TH58NVG1S3AFT Datasheet
368Kb / 32P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TH58NVG1S3AFT05 TOSHIBA-TH58NVG1S3AFT05 Datasheet
368Kb / 32P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

유사한 설명 - TH58NS100DC

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58NS256DC TOSHIBA-TC58NS256DC Datasheet
709Kb / 33P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 256-MBIT (32M 짰8 BITS) CMOS NAND E2PROM (32M BYTE SmartMediaTM)
TC58NVG0S3AFT05 TOSHIBA-TC58NVG0S3AFT05 Datasheet
559Kb / 33P
   1 GBIT (128M 횞 8 BITS) CMOS NAND EEPROM
TC58V64BDC TOSHIBA-TC58V64BDC Datasheet
345Kb / 33P
   64-MBIT (8M x 8 BITS) CMOS NAND E2PROM (8M BYTE SmartMediaTM)
TC58NYG1S3EBAI5 TOSHIBA-TC58NYG1S3EBAI5 Datasheet
489Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 2 GBIT (256M 횞 8 BIT) CMOS NAND E2PROM
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com