전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSY39V400454EEK 데이터시트(PDF) 10 Page - Silicon Storage Technology, Inc

부품명 SSY39V400454EEK
상세설명  2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SSY39V400454EEK 데이터시트(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SSY39V400454EEK Datasheet HTML 6Page - Silicon Storage Technology, Inc SSY39V400454EEK Datasheet HTML 7Page - Silicon Storage Technology, Inc SSY39V400454EEK Datasheet HTML 8Page - Silicon Storage Technology, Inc SSY39V400454EEK Datasheet HTML 9Page - Silicon Storage Technology, Inc SSY39V400454EEK Datasheet HTML 10Page - Silicon Storage Technology, Inc SSY39V400454EEK Datasheet HTML 11Page - Silicon Storage Technology, Inc SSY39V400454EEK Datasheet HTML 12Page - Silicon Storage Technology, Inc SSY39V400454EEK Datasheet HTML 13Page - Silicon Storage Technology, Inc SSY39V400454EEK Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Data Sheet
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash
SST39LF200A / SST39LF400A / SST39LF800A
SST39VF200A / SST39VF400A / SST39VF800A
©2001 Silicon Storage Technology, Inc.
S71117-04-000
6/01
360
TABLE
8: DEVICE GEOMETRY INFORMATION FOR SST39LF/VF400A
Address
Data
Data
27H
0013H
Device size = 2N Byte (13H = 19; 219 = 512 KBytes)
28H
0001H
Flash Device Interface description; 0001H = x16-only asynchronous interface
29H
0000H
2AH
0000H
Maximum number of byte in multi-byte write = 2N (00H = not supported)
2BH
0000H
2CH
0002H
Number of Erase Sector/Block sizes supported by device
2DH
007FH
Sector Information (y + 1 = Number of sectors; z x 256B = sector size)
2EH
0000H
y = 127 + 1 = 128 sectors (007FH = 127)
2FH
0010H
30H
0000H
z = 16 x 256 Bytes = 4 KBytes/sector (0010H = 16)
31H
0007H
Block Information (y + 1 = Number of blocks; z x 256B = block size)
32H
0000H
y = 7 + 1 = 8 blocks (0007H = 7)
33H
0000H
34H
0001H
z = 256 x 256 Bytes = 64 KBytes/block (0100H = 256)
T8.1 360
TABLE
9: DEVICE GEOMETRY INFORMATION FOR SST39LF/VF800A
Address
Data
Data
27H
0014H
Device size = 2N Byte (14H = 20; 220 = 1 MByte)
28H
0001H
Flash Device Interface description; 0001H = x16-only asynchronous interface
29H
0000H
2AH
0000H
Maximum number of byte in multi-byte write = 2N (00H = not supported)
2BH
0000H
2CH
0002H
Number of Erase Sector/Block sizes supported by device
2DH
00FFH
Sector Information (y + 1 = Number of sectors; z x 256B = sector size)
2EH
0000H
y = 255 + 1 = 256 sectors (00FFH = 255)
2FH
0010H
30H
0000H
z = 16 x 256 Bytes = 4 KBytes/sector (0010H = 16)
31H
000FH
Block Information (y + 1 = Number of blocks; z x 256B = block size)
32H
0000H
y = 15 + 1 = 16 blocks (000FH = 15)
33H
0000H
34H
0001H
z = 256 x 256 Bytes = 64 KBytes/block (0100H = 256)
T9.0 360


유사한 부품 번호 - SSY39V400454EEK

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
SSY COOPER-SSY Datasheet
143Kb / 2P
   Box Cover Units for Plug Fuses
logo
DOMINANT Semiconductors
SSY-CLD-J1 DOMINANT-SSY-CLD-J1 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
SSY-CLD-J2 DOMINANT-SSY-CLD-J2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
SSY-CLD-JK2-1-I2 DOMINANT-SSY-CLD-JK2-1-I2 Datasheet
967Kb / 14P
   SpiceLED
SSY-CLD-JK2-I2 DOMINANT-SSY-CLD-JK2-I2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
More results

유사한 설명 - SSY39V400454EEK

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
   8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com