전자부품 데이터시트 검색엔진 |
|
SSY39V800904IEK 데이터시트(PDF) 7 Page - Silicon Storage Technology, Inc |
|
SSY39V800904IEK 데이터시트(HTML) 7 Page - Silicon Storage Technology, Inc |
7 / 20 page Data Sheet 2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A 7 ©2001 Silicon Storage Technology, Inc. S71117-04-000 6/01 360 TABLE 2: PIN DESCRIPTION Symbol Pin Name Functions AMS1-A0 Address Inputs To provide memory addresses. During Sector-Erase AMS-A11 address lines will select the sector. During Block-Erase AMS-A15 address lines will select the block. DQ15-DQ0 Data Input/output To output data during Read cycles and receive input data during Write cycles. Data is internally latched during a Write cycle. The outputs are in tri-state when OE# or CE# is high. CE# Chip Enable To activate the device when CE# is low. OE# Output Enable To gate the data output buffers. WE# Write Enable To control the Write operations. VDD Power Supply To provide power supply voltage: 3.0-3.6V for SST39LF200A/400A/800A 2.7-3.6V for SST39VF200A/400A/800A VSS Ground NC No Connection Unconnected pins. T2.2 360 1. AMS = Most significant address AMS = A16 for SST39LF/VF200A, A17 for SST39LF/VF400A, and A18 for SST39LF/VF800A TABLE 3: OPERATION MODES SELECTION Mode CE# OE# WE# DQ Address Read VIL VIL VIH DOUT AIN Program VIL VIH VIL DIN AIN Erase VIL VIH VIL X1 1. X can be VIL or VIH, but no other value. Sector or Block address, XXH for Chip-Erase Standby VIH XX High Z X Write Inhibit X VIL XHigh Z/ DOUT X XX VIH High Z/ DOUT X Product Identification Software Mode VIL VIL VIH See Table 4 T3.4 360 |
유사한 부품 번호 - SSY39V800904IEK |
|
유사한 설명 - SSY39V800904IEK |