전자부품 데이터시트 검색엔진 |
|
SSY39V800904IEK 데이터시트(PDF) 10 Page - Silicon Storage Technology, Inc |
|
SSY39V800904IEK 데이터시트(HTML) 10 Page - Silicon Storage Technology, Inc |
10 / 20 page 10 Data Sheet 2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A ©2001 Silicon Storage Technology, Inc. S71117-04-000 6/01 360 TABLE 8: DEVICE GEOMETRY INFORMATION FOR SST39LF/VF400A Address Data Data 27H 0013H Device size = 2N Byte (13H = 19; 219 = 512 KBytes) 28H 0001H Flash Device Interface description; 0001H = x16-only asynchronous interface 29H 0000H 2AH 0000H Maximum number of byte in multi-byte write = 2N (00H = not supported) 2BH 0000H 2CH 0002H Number of Erase Sector/Block sizes supported by device 2DH 007FH Sector Information (y + 1 = Number of sectors; z x 256B = sector size) 2EH 0000H y = 127 + 1 = 128 sectors (007FH = 127) 2FH 0010H 30H 0000H z = 16 x 256 Bytes = 4 KBytes/sector (0010H = 16) 31H 0007H Block Information (y + 1 = Number of blocks; z x 256B = block size) 32H 0000H y = 7 + 1 = 8 blocks (0007H = 7) 33H 0000H 34H 0001H z = 256 x 256 Bytes = 64 KBytes/block (0100H = 256) T8.1 360 TABLE 9: DEVICE GEOMETRY INFORMATION FOR SST39LF/VF800A Address Data Data 27H 0014H Device size = 2N Byte (14H = 20; 220 = 1 MByte) 28H 0001H Flash Device Interface description; 0001H = x16-only asynchronous interface 29H 0000H 2AH 0000H Maximum number of byte in multi-byte write = 2N (00H = not supported) 2BH 0000H 2CH 0002H Number of Erase Sector/Block sizes supported by device 2DH 00FFH Sector Information (y + 1 = Number of sectors; z x 256B = sector size) 2EH 0000H y = 255 + 1 = 256 sectors (00FFH = 255) 2FH 0010H 30H 0000H z = 16 x 256 Bytes = 4 KBytes/sector (0010H = 16) 31H 000FH Block Information (y + 1 = Number of blocks; z x 256B = block size) 32H 0000H y = 15 + 1 = 16 blocks (000FH = 15) 33H 0000H 34H 0001H z = 256 x 256 Bytes = 64 KBytes/block (0100H = 256) T9.0 360 |
유사한 부품 번호 - SSY39V800904IEK |
|
유사한 설명 - SSY39V800904IEK |