전자부품 데이터시트 검색엔진 |
|
SLC100-7 데이터시트(PDF) 3 Page - C&D Technologies |
|
SLC100-7 데이터시트(HTML) 3 Page - C&D Technologies |
3 / 10 page 3 SLC100 1.2V Rev C 11/2004 Product: www.cdpoweronline.com MECHANICAL (THROUGH HOLE) NOTES: General Tolerance: ±.015 Pin Locations/Diameters: ±.005 Dimensions are in inches [Millimeters] Pin material: Copper Pin Finish: Matte Tin over Nickel Converter weight: [30.8g] MECHANICAL (SMT) PIN FUNCTIONS 1 +Vin 2 Remote On/Off 3 -Vin 4 -Vout 5 - Sense 6 Trim 7 + Sense 8 +Vout Interconnect FUNCTIONS 1 +Vin 2 Remote On/Off 3 -Vin 4 -Vout 5 - Sense 6 Trim 7 + Sense 8 +Vout * Interconnect co-planarity within 0.004” UL/TUV Standards require a clearance greater than 0.04” between input and output for Basic insulation. This should be considered if copper traces are used on the top side of the board under the con- verter unit. Ferrite cores are considered part of the input/primary circuit. UL/TUV Standards require a clearance greater than 0.04” between input and output for Basic insulation. This should be considered if copper traces are used on the top side of the board under the con- verter unit. Ferrite cores are considered part of the input/primary circuit. NOTES: General Tolerance: ±.015 Interconnect Locations/ Diameters: ±.005 Dimensions are in inches [Millimeters] Pin material: Copper Pin Finish: Matte Tin over Nickel Converter weight: [30.8g] .425 [10.80] .725 [18.42] 1.025 [26.04] 1.025 [26.04] .875 [22.23] .725 [18.42] .575 [14.61] .425 [10.80] .000 [0.00] 1.450 [36.83] .400 [10.16] .197 [5.00] 2x, Ø.060 [1.52] 6x, Ø.040 [1.02] BOTTOM VIEW (PIN SIDE) .052 [1.32] .037 [0.94] 2x, Ø080 [2.03] 6x, Ø.060 [1.52] 3 1 2 5 6 7 8 4 .425 [10.80] .725 [18.42] 1.025 [26.04] 1.025 [26.04] .875 [22.23] .725 [18.42] .575 [14.61] .425 [10.80] .000 [0.00] 1.450 [36.83] .400 [10.16] BOTTOM VIEW (PIN SIDE) .052 [1.32] .037 [0.94] 4 2x, Ø.080 [2.03] 6x, Ø.060 [1.52] 3 2 5 6 7 8 1 |
유사한 부품 번호 - SLC100-7 |
|
유사한 설명 - SLC100-7 |