전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLC100-9 데이터시트(PDF) 1 Page - C&D Technologies

부품명 SLC100-9
상세설명  40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CANDD [C&D Technologies]
홈페이지  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

SLC100-9 데이터시트(HTML) 1 Page - C&D Technologies

  SLC100-9 Datasheet HTML 1Page - C&D Technologies SLC100-9 Datasheet HTML 2Page - C&D Technologies SLC100-9 Datasheet HTML 3Page - C&D Technologies SLC100-9 Datasheet HTML 4Page - C&D Technologies SLC100-9 Datasheet HTML 5Page - C&D Technologies SLC100-9 Datasheet HTML 6Page - C&D Technologies SLC100-9 Datasheet HTML 7Page - C&D Technologies SLC100-9 Datasheet HTML 8Page - C&D Technologies SLC100-9 Datasheet HTML 9Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
SLC100 1.2V Rev C 11/2004
Product: www.cdpoweronline.com
40 Amp Single Output Quarter Brick DC/DC Converter
SLC100 1.2V
Corporate: www.cdtechno.com
Corporate: www.cdtechno.com
Product: www.cdpoweronline.com
Industry Standard Footprint & Size -
2.28” x 1.45”
High Efficiency
Wide Input Voltage Range: 36 – 75VDC
Series Output Voltage: 1.0V, 1.2V,
1.5V, 1.8V, 2.0V, 2.5V, 3.3V, 5.0V & 12V
Output VoltageTrim Function
Remote Sense for output
compensation
Remote ON/OFF control referenced to
input side (Positive or Negative Logic)
Output Current Limit
No Minimum Load Requirement
The SLC100 Series is a 40 Amp single
output, low-profile DC-DC converter
in an industry standard package of
2.28” x 1.45” x 0.40”. The SLC100
uses unique proprietary technologies
to deliver ultra-high efficiencies and
excellent thermal performance. It includes
extensive control and protection features
for maximum flexibility and satisfies the
power requirements for a whole range of
applications with its input voltage range of
36-75 VDC and output voltages between
1.0VDC and 12.0VDC
The power dissipation of the SLC100
series is so low that a heat sink is not
required. Thermal derating curves are
provided indicating maximum allowable
output current versus airflow and ambient
temperature. The product features fast
dynamic response characteristics and
low output ripple critical for low voltage
applications. SLC DC-DC converter
modules are certified to UL/CUL 60950,
and VDE EN60950. It meets CISPR22/
EN55022/FCC15J Class B specs for EMI
levels with external filtering.
This high quality and highly reliable
product is competitively priced and an
ideal solution for distributed power,
telecoms and datacom applications.
ISO9001
CERTIFIED
* Note 1: Maximum output current for SMD Models is 25A.
NOMINAL
RATED
INPUT
OUTPUT
OUTPUT CURRENT
VOLTAGE
VOLTAGE
MIN
RATED
MODEL
(VDC)
(VDC)
LOAD(A)
OUTPUT (A)1
SLC100-2,11,20,29
48
1.2
0.0
40
1.30
80
PRODUCT SELECTION CHART
INPUT
CURRENT
AT RATED LOAD (A)
(48Vin)
EFFICIENCY
TYPICAL
(%)
SMD Models with Position PerfectTM
Interconnects
Isolation Voltage of 2000 VDC
Fixed Frequency Operation
UL/CUL 60950 recognized (US & Canada),
VDE EN60950, basic insulation rating
Meets TNV-SELV Isolation Requirements
Meets Conducted Emissions
Requirements of FCC Class B and
EN55022 Class B with External Filter
No Heatsink Required
Thermal Shutdown
Input Undervoltage Lockout


유사한 부품 번호 - SLC100-9

제조업체부품명데이터시트상세설명
logo
Murata Power Solutions ...
SLC100-1 MURATA-PS-SLC100-1 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
SLC100-10 MURATA-PS-SLC100-10 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
SLC100-11 MURATA-PS-SLC100-11 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
SLC100-12 MURATA-PS-SLC100-12 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
SLC100-13 MURATA-PS-SLC100-13 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
More results

유사한 설명 - SLC100-9

제조업체부품명데이터시트상세설명
logo
Murata Power Solutions ...
SLC100 MURATA-PS-SLC100 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VKQ100MS1V8 CANDD-VKQ100MS1V8 Datasheet
191Kb / 5P
   40 AMP, 1.8 VOUT, QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com