전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2126 데이터시트(PDF) 2 Page - Panasonic Semiconductor

부품명 2SK2126
상세설명  Silicon N-Channel Power F-MOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK2126 데이터시트(HTML) 2 Page - Panasonic Semiconductor

  2SK2126 Datasheet HTML 1Page - Panasonic Semiconductor 2SK2126 Datasheet HTML 2Page - Panasonic Semiconductor 2SK2126 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power F-MOS FETs
2SK2126
Area of safe operation (ASO)
PD  Ta
EAS
 T
j
ID  VDS
ID  VGS
Vth  TC
VDS  VGS
RDS(on)  ID
| Yfs |  ID
0
1020304050
60
0
1
2
3
4
5
6
7
8
50W
V
GS=15V
10V
6V
7V
5.5V
6.5V
5V
Drain to source voltage V
DS
(V)
01
2
3
45
0
1
2
3
4
5
6
V
DS=25V
T
C=25˚C
Drain current I
D
(A)
01
2
3
45
0
1
2
3
4
5
6
V
GS=10V
T
C=150˚C
100˚C
25˚C
0˚C
Drain current I
D
(A)
012
10
8
26
4
0
1
2
3
4
5
6
V
DS=25V
T
C=0˚C
150˚C
100˚C
25˚C
Gate to source voltage V
GS
(V)
020
40
60
80 100 120 140 160
0
10
20
30
40
50
60
(1) T
C=Ta
(2) Without heat sink
(P
D=2W)
(1)
(2)
Ambient temperature Ta (˚C)
1
10
100
1000
0.01
0.1
1
10
100
Non repetitive pulse
T
C=25˚C
t=100
µs
10ms
1ms
DC
I
DP
I
D
Drain to source voltage V
DS
(V)
25
50
75
100
125
150
175
0
20
40
60
80
100
120
V
DD=50V
I
D=5A
Junction temperature T
j
(˚C)
0
5
10
15
20
25
30
0
10
20
30
40
I
D=10A
2.5A
5A
1.25A
T
C=25˚C
Gate to source voltage V
GS
(V)
0
25
50
75
100
125
150
0
1
2
3
4
5
6
V
DS=25V
I
D=1mA
Case temperature T
C
(˚C)


유사한 부품 번호 - 2SK2126

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK2126 ISC-2SK2126 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK2126

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SK867 PANASONIC-2SK867 Datasheet
41Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK996 PANASONIC-2SK996 Datasheet
64Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK1266 PANASONIC-2SK1266 Datasheet
80Kb / 2P
   Silicon N-channel Power F-MOS FET
2SK2125 PANASONIC-2SK2125 Datasheet
46Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK2128 PANASONIC-2SK2128 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK3030 PANASONIC-2SK3030 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3031 PANASONIC-2SK3031 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3033 PANASONIC-2SK3033 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3036 PANASONIC-2SK3036 Datasheet
23Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3043 PANASONIC-2SK3043 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
PUB4702 PANASONIC-PUB4702 Datasheet
34Kb / 2P
   Silicon N-Channel Power F-MOS FET
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com