전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

SSY39V800904IUK 데이터시트(Datasheet) 4 Page - Silicon Storage Technology, Inc

부품명 SSY39V800904IUK
상세내용  2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo 

 
 4 page
background image
4
Data Sheet
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash
SST39LF200A / SST39LF400A / SST39LF800A
SST39VF200A / SST39VF400A / SST39VF800A
©2001 Silicon Storage Technology, Inc.
S71117-04-000
6/01
360
Product Identification
The Product Identification mode identifies the devices as
the SST39LF/VF200A, SST39LF/VF400A and SST39LF/
VF800A and manufacturer as SST. This mode may be
accessed by software operations. Users may use the
Software Product Identification operation to identify the part
(i.e.,
using
the
device
ID)
when
using
multiple
manufacturers in the same socket. For details, see Table 4
for software operation, Figure 11 for the Software ID Entry
and Read timing diagram, and Figure 18 for the Software
ID Entry command sequence flowchart.
Product Identification Mode Exit/
CFI Mode Exit
In order to return to the standard Read mode, the Software
Product Identification mode must be exited. Exit is accom-
plished by issuing the Software ID Exit command
sequence, which returns the device to the Read mode.
This command may also be used to reset the device to the
Read mode after any inadvertent transient condition that
apparently causes the device to behave abnormally, e.g.,
not read correctly. Please note that the Software ID Exit/
CFI Exit command is ignored during an internal Program or
Erase operation. See Table 4 for software command
codes, Figure 13 for timing waveform and Figure 18 for a
flowchart.
TABLE
1: PRODUCT IDENTIFICATION TABLE
Address
Data
Manufacturer’s ID
0000H
00BFH
Device ID
SST39LF/VF200A
0001H
2789H
SST39LF/VF400A
0001H
2780H
SST39LF/VF800A
0001H
2781H
T1.3 360




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
M25P101 Mbit Low Voltage Paged Flash Memory With 20 MHz Serial SPI Bus Interface 1 2 3 4 5 MoreSTMicroelectronics
M29F002BT2 Mbit 256Kb x8 Boot Block Single Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M29F800AT8 Mbit 1Mb x8 or 512Kb x16 Boot Block Single Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M29W400T4 Mbit 512Kb x8 or 256Kb x16 Boot Block Low Voltage Single Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M36W832TE32 Mbit 2Mb x16 Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM Multiple Memory Product 1 2 3 4 5 MoreSTMicroelectronics
M58BW016BT16 Mbit 512Kb x32 Boot Block Burst 3V Supply Flash Memories 1 2 3 4 5 MoreSTMicroelectronics
M59DR016C16 Mbit 1Mb x16 Dual Bank Page 1.8V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
SST31LF0414 Mbit Flash + 1 Mbit or 256 Kbit SRAM ComboMemory 1 2 3 4 5 MoreSilicon Storage Technology, Inc
M29W160DT16 Mbit 2Mb x8 or 1Mb x16 Boot Block 3V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M29F800DT8 Mbit 1Mb x8 or 512Kb x16 Boot Block 5V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl