전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

SSY39V800904IUK 데이터시트(Datasheet) 8 Page - Silicon Storage Technology, Inc

부품명 SSY39V800904IUK
상세내용  2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo 

 8 page
background image
8
Data Sheet
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash
SST39LF200A / SST39LF400A / SST39LF800A
SST39VF200A / SST39VF400A / SST39VF800A
©2001 Silicon Storage Technology, Inc.
S71117-04-000
6/01
360
TABLE
4: SOFTWARE COMMAND SEQUENCE
Command
Sequence
1st Bus
Write Cycle
2nd Bus
Write Cycle
3rd Bus
Write Cycle
4th Bus
Write Cycle
5th Bus
Write Cycle
6th Bus
Write Cycle
Addr1
Data2
Addr1
Data2
Addr1
Data2
Addr1
Data2
Addr1
Data2
Addr1
Data2
Word-Program
5555H
AAH
2AAAH
55H
5555H
A0H
WA3
Data
Sector-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
SAX4
30H
Block-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
BAX4
50H
Chip-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
10H
Software ID Entry5,6
5555H
AAH
2AAAH
55H
5555H
90H
CFI Query Entry5
5555H
AAH
2AAAH
55H
5555H
98H
Software ID Exit7/
CFI Exit
XXH
F0H
Software ID Exit7/
CFI Exit
5555H
AAH
2AAAH
55H
5555H
F0H
T4.2 360
1. Address format A14-A0 (Hex),
Addresses A15 and A16 can be VIL or VIH, but no other value, for the Command sequence for SST39LF/VF200A.
Addresses A15, A16, and A17 can be VIL or VIH, but no other value, for the Command sequence for SST39LF/VF400A.
Addresses A15, A16, A17, and A18 can be VIL or VIH, but no other value, for the Command sequence for SST39LF/VF800A.
2. DQ15 - DQ8 can be VIL or VIH, but no other value, for the Command sequence
3. WA = Program word address
4. SAX for Sector-Erase; uses AMS-A11 address lines
BAX, for Block-Erase; uses AMS-A15 address lines
AMS = Most significant address
AMS = A16 for SST39LF/VF200A, A17 for SST39LF/VF400A and A18 for SST39LF/VF800A
5. The device does not remain in Software Product ID Mode if powered down.
6. With AMS-A1 =0; SST Manufacturer’s ID= 00BFH, is read with A0 = 0,
SST39LF/VF200A Device ID = 2789H, is read with A0 = 1.
SST39LF/VF400A Device ID = 2780H, is read with A0 = 1.
SST39LF/VF800A Device ID = 2781H, is read with A0 = 1.
7. Both Software ID Exit operations are equivalent
TABLE
5: CFI QUERY IDENTIFICATION STRING1 FOR SST39LF200A/400A/800A AND SST39VF200A/400A/800A
1. Refer to CFI publication 100 for more details.
Address
Data
Data
10H
0051H
Query Unique ASCII string “QRY”
11H
0052H
12H
0059H
13H
0001H
Primary OEM command set
14H
0007H
15H
0000H
Address for Primary Extended Table
16H
0000H
17H
0000H
Alternate OEM command set (00H = none exists)
18H
0000H
19H
0000H
Address for Alternate OEM extended Table (00H = none exits)
1AH
0000H
T5.0 360




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
M25P101 Mbit Low Voltage Paged Flash Memory With 20 MHz Serial SPI Bus Interface 1 2 3 4 5 MoreSTMicroelectronics
M29F002BT2 Mbit 256Kb x8 Boot Block Single Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M29F800AT8 Mbit 1Mb x8 or 512Kb x16 Boot Block Single Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M29W400T4 Mbit 512Kb x8 or 256Kb x16 Boot Block Low Voltage Single Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M36W832TE32 Mbit 2Mb x16 Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM Multiple Memory Product 1 2 3 4 5 MoreSTMicroelectronics
M58BW016BT16 Mbit 512Kb x32 Boot Block Burst 3V Supply Flash Memories 1 2 3 4 5 MoreSTMicroelectronics
M59DR016C16 Mbit 1Mb x16 Dual Bank Page 1.8V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
SST31LF0414 Mbit Flash + 1 Mbit or 256 Kbit SRAM ComboMemory 1 2 3 4 5 MoreSilicon Storage Technology, Inc
M29W160DT16 Mbit 2Mb x8 or 1Mb x16 Boot Block 3V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M29F800DT8 Mbit 1Mb x8 or 512Kb x16 Boot Block 5V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl