전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

SSY39V800904IUK 데이터시트(Datasheet) 1 Page - Silicon Storage Technology, Inc

부품명 SSY39V800904IUK
상세내용  2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo 

 
 1 page
background image
©2001 Silicon Storage Technology, Inc.
S71117-04-000
6/01
360
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
MPF is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
FEATURES:
Organized as 128K x16 / 256K x16 / 512K x16
Single Voltage Read and Write Operations
– 3.0-3.6V for SST39LF200A/400A/800A
– 2.7-3.6V for SST39VF200A/400A/800A
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption
– Active Current: 20 mA (typical)
– Standby Current: 3 µA (typical)
Sector-Erase Capability
– Uniform 2 KWord sectors
Block-Erase Capability
– Uniform 32 KWord blocks
Fast Read Access Time
– 45 and 55 ns for SST39LF200A/400A
– 55 ns for SST39LF800A
– 70 and 90 ns for SST39VF200A/400A/800A
Latched Address and Data
Fast Erase and Word-Program
– Sector-Erase Time: 18 ms (typical)
– Block-Erase Time: 18 ms (typical)
– Chip-Erase Time: 70 ms (typical)
– Word-Program Time: 14 µs (typical)
– Chip Rewrite Time:
2 seconds (typical) for SST39LF/VF200A
4 seconds (typical) for SST39LF/VF400A
8 seconds (typical) for SST39LF/VF800A
Automatic Write Timing
– Internal VPP Generation
End-of-Write Detection
– Toggle Bit
– Data# Polling
CMOS I/O Compatibility
JEDEC Standard
– Flash EEPROM Pinouts and command sets
Packages Available
– 48-lead TSOP (12mm x 20mm)
– 48-ball TFBGA (6mm x 8mm)
PRODUCT DESCRIPTION
The SST39LF200A/400A/800A and SST39VF200A/400A/
800A devices are 128K x16 / 256K x16 / 512K x16 CMOS
Multi-Purpose Flash (MPF) manufactured with SST’s pro-
prietary, high performance CMOS SuperFlash technology.
The split-gate cell design and thick oxide tunneling injector
attain better reliability and manufacturability compared with
alternate approaches. The SST39LF200A/400A/800A
write (Program or Erase) with a 3.0-3.6V power supply. The
SST39VF200A/400A/800A write (Program or Erase) with a
2.7-3.6V power supply. These devices conform to JEDEC
standard pinouts for x16 memories.
Featuring
high
performance
Word-Program,
the
SST39LF200A/400A/800A
and
SST39VF200A/400A/
800A devices provide a typical Word-Program time of 14
µsec. The devices use Toggle Bit or Data# Polling to detect
the completion of the Program or Erase operation. To pro-
tect against inadvertent write, they have on-chip hardware
and software data protection schemes. Designed, manu-
factured, and tested for a wide spectrum of applications,
these devices are offered with a guaranteed endurance of
10,000 cycles. Data retention is rated at greater than 100
years.
The SST39LF200A/400A/800A and SST39VF200A/400A/
800A devices are suited for applications that require conve-
nient and economical updating of program, configuration,
or data memory. For all system applications, they signifi-
cantly improve performance and reliability, while lowering
power consumption. They inherently use less energy dur-
ing Erase and Program than alternative flash technologies.
When programming a flash device, the total energy con-
sumed is a function of the applied voltage, current, and
time of application. Since for any given voltage range, the
SuperFlash technology uses less current to program and
has a shorter erase time, the total energy consumed during
any Erase or Program operation is less than alternative
flash technologies. These devices also improve flexibility
while lowering the cost for program, data, and configuration
storage applications.
The SuperFlash technology provides fixed Erase and Pro-
gram times, independent of the number of Erase/Program
cycles that have occurred. Therefore the system software
or hardware does not have to be modified or de-rated as is
necessary with alternative flash technologies, whose Erase
and Program times increase with accumulated Erase/Pro-
gram cycles.
To meet surface mount requirements, the SST39LF200A/
400A/800A and SST39VF200A/400A/800A are offered in
both 48-lead TSOP packages and 48-ball TFBGA pack-
ages. See Figures 1 and 2 for pinouts.
2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A / SST39LF400A / SST39LF800A
SST39VF200A / SST39VF400A / SST39VF800A
SST39LF/VF200A / 400A / 800A3.0 & 2.7V 2Mb / 4Mb / 8Mb (x16) MPF memories




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
M25P101 Mbit Low Voltage Paged Flash Memory With 20 MHz Serial SPI Bus Interface 1 2 3 4 5 MoreSTMicroelectronics
M29F002BT2 Mbit 256Kb x8 Boot Block Single Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M29F800AT8 Mbit 1Mb x8 or 512Kb x16 Boot Block Single Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M29W400T4 Mbit 512Kb x8 or 256Kb x16 Boot Block Low Voltage Single Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M36W832TE32 Mbit 2Mb x16 Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM Multiple Memory Product 1 2 3 4 5 MoreSTMicroelectronics
M58BW016BT16 Mbit 512Kb x32 Boot Block Burst 3V Supply Flash Memories 1 2 3 4 5 MoreSTMicroelectronics
M59DR016C16 Mbit 1Mb x16 Dual Bank Page 1.8V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
SST31LF0414 Mbit Flash + 1 Mbit or 256 Kbit SRAM ComboMemory 1 2 3 4 5 MoreSilicon Storage Technology, Inc
M29W160DT16 Mbit 2Mb x8 or 1Mb x16 Boot Block 3V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M29F800DT8 Mbit 1Mb x8 or 512Kb x16 Boot Block 5V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl