전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

SSY39V800904IUK 데이터시트(Datasheet) 10 Page - Silicon Storage Technology, Inc

부품명 SSY39V800904IUK
상세내용  2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo 

 10 page
background image
10
Data Sheet
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash
SST39LF200A / SST39LF400A / SST39LF800A
SST39VF200A / SST39VF400A / SST39VF800A
©2001 Silicon Storage Technology, Inc.
S71117-04-000
6/01
360
TABLE
8: DEVICE GEOMETRY INFORMATION FOR SST39LF/VF400A
Address
Data
Data
27H
0013H
Device size = 2N Byte (13H = 19; 219 = 512 KBytes)
28H
0001H
Flash Device Interface description; 0001H = x16-only asynchronous interface
29H
0000H
2AH
0000H
Maximum number of byte in multi-byte write = 2N (00H = not supported)
2BH
0000H
2CH
0002H
Number of Erase Sector/Block sizes supported by device
2DH
007FH
Sector Information (y + 1 = Number of sectors; z x 256B = sector size)
2EH
0000H
y = 127 + 1 = 128 sectors (007FH = 127)
2FH
0010H
30H
0000H
z = 16 x 256 Bytes = 4 KBytes/sector (0010H = 16)
31H
0007H
Block Information (y + 1 = Number of blocks; z x 256B = block size)
32H
0000H
y = 7 + 1 = 8 blocks (0007H = 7)
33H
0000H
34H
0001H
z = 256 x 256 Bytes = 64 KBytes/block (0100H = 256)
T8.1 360
TABLE
9: DEVICE GEOMETRY INFORMATION FOR SST39LF/VF800A
Address
Data
Data
27H
0014H
Device size = 2N Byte (14H = 20; 220 = 1 MByte)
28H
0001H
Flash Device Interface description; 0001H = x16-only asynchronous interface
29H
0000H
2AH
0000H
Maximum number of byte in multi-byte write = 2N (00H = not supported)
2BH
0000H
2CH
0002H
Number of Erase Sector/Block sizes supported by device
2DH
00FFH
Sector Information (y + 1 = Number of sectors; z x 256B = sector size)
2EH
0000H
y = 255 + 1 = 256 sectors (00FFH = 255)
2FH
0010H
30H
0000H
z = 16 x 256 Bytes = 4 KBytes/sector (0010H = 16)
31H
000FH
Block Information (y + 1 = Number of blocks; z x 256B = block size)
32H
0000H
y = 15 + 1 = 16 blocks (000FH = 15)
33H
0000H
34H
0001H
z = 256 x 256 Bytes = 64 KBytes/block (0100H = 256)
T9.0 360




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
M25P101 Mbit Low Voltage Paged Flash Memory With 20 MHz Serial SPI Bus Interface 1 2 3 4 5 MoreSTMicroelectronics
M29F002BT2 Mbit 256Kb x8 Boot Block Single Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M29F800AT8 Mbit 1Mb x8 or 512Kb x16 Boot Block Single Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M29W400T4 Mbit 512Kb x8 or 256Kb x16 Boot Block Low Voltage Single Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M36W832TE32 Mbit 2Mb x16 Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM Multiple Memory Product 1 2 3 4 5 MoreSTMicroelectronics
M58BW016BT16 Mbit 512Kb x32 Boot Block Burst 3V Supply Flash Memories 1 2 3 4 5 MoreSTMicroelectronics
M59DR016C16 Mbit 1Mb x16 Dual Bank Page 1.8V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
SST31LF0414 Mbit Flash + 1 Mbit or 256 Kbit SRAM ComboMemory 1 2 3 4 5 MoreSilicon Storage Technology, Inc
M29W160DT16 Mbit 2Mb x8 or 1Mb x16 Boot Block 3V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M29F800DT8 Mbit 1Mb x8 or 512Kb x16 Boot Block 5V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl