전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

SSY39V800904IUK 데이터시트(Datasheet) 11 Page - Silicon Storage Technology, Inc

부품명 SSY39V800904IUK
상세내용  2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo 

 11 page
background image
Data Sheet
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash
SST39LF200A / SST39LF400A / SST39LF800A
SST39VF200A / SST39VF400A / SST39VF800A
11
©2001 Silicon Storage Technology, Inc.
S71117-04-000
6/01
360
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this data
sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD + 0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to VDD + 1.0V
Voltage on A9 Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 13.2V
Package Power Dissipation Capability (Ta = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Surface Mount Lead Soldering Temperature (3 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240°C
Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Outputs shorted for no more than one second. No more than one output shorted at a time.
OPERATING RANGE: SST39LF200A/400A/800A
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
3.0-3.6V
OPERATING RANGE: SST39VF200A/400A/800A
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
2.7-3.6V
Extended
-20°C to +85°C
2.7-3.6V
Industrial
-40°C to +85°C
2.7-3.6V
AC CONDITIONS OF TEST
Input Rise/Fall Time . . . . . . . . . . . . . . 5 ns
Output Load . . . . . . . . . . . . . . . . . . . . CL = 30 pF for SST39LF200A/400A/800A
Output Load . . . . . . . . . . . . . . . . . . . . CL = 100 pF for SST39VF200A/400A/800A
See Figures 14 and 15




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
M25P101 Mbit Low Voltage Paged Flash Memory With 20 MHz Serial SPI Bus Interface 1 2 3 4 5 MoreSTMicroelectronics
M29F002BT2 Mbit 256Kb x8 Boot Block Single Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M29F800AT8 Mbit 1Mb x8 or 512Kb x16 Boot Block Single Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M29W400T4 Mbit 512Kb x8 or 256Kb x16 Boot Block Low Voltage Single Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M36W832TE32 Mbit 2Mb x16 Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM Multiple Memory Product 1 2 3 4 5 MoreSTMicroelectronics
M58BW016BT16 Mbit 512Kb x32 Boot Block Burst 3V Supply Flash Memories 1 2 3 4 5 MoreSTMicroelectronics
M59DR016C16 Mbit 1Mb x16 Dual Bank Page 1.8V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
SST31LF0414 Mbit Flash + 1 Mbit or 256 Kbit SRAM ComboMemory 1 2 3 4 5 MoreSilicon Storage Technology, Inc
M29W160DT16 Mbit 2Mb x8 or 1Mb x16 Boot Block 3V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M29F800DT8 Mbit 1Mb x8 or 512Kb x16 Boot Block 5V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl