전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NJM2560 데이터시트(Datasheet) 3 Page - New Japan Radio

부품명 NJM2560
상세내용  SELECTABLE GAIN TYPE LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NJRC [New Japan Radio]
홈페이지  http://www.njr.co.jp/index_e.htm
Logo 

   
 3 page
background image
Ver.5
NJM2560
- 3 -
s CONTROL TERMINAL FUNCTION
POWER SAVE
TERMINAL
CONTROL
STATE
H
Power Save: OFF
L
Power Save: ON
Power Save
OPEN
Power Save: ON
VOLTAGE GAIN
TERMINAL
SEL 1
SEL 2
STATE
L / OPEN
L / OPEN
6dB
H
L / OPEN
12dB
SEL
Don
’t care
H
16dB
s
s
s
s TEST CIRCUIT
75Ω
75Ω
input
75Ω
0.1uF
33uF
33uF
876
3
2
1
NJM2560
POWER
SAVE
Vin
Vsag
GND
5
4
Vout
SEL1
V+
SEL2
0.1uF 10uF
output




Html 페이지

1  2  3  4 


데이터시트



관련 부품명

부품명상세내용Html View제조사
THS73033-Channel Low Power Video Amplifier with I2C Control Selectable Filters 6-dB Gain SAG Correction 2:1 Input MUX and Selectable Input Bias Modes 1 2 3 4 5 MoreTexas Instruments
NJM2576LOW VOLTAGE VIDEO AMPLIFIER WITH LPF 1 2 3 4 5 MoreNew Japan Radio
NJM2563LOW VOLTAGE VIDEO AMPLIFIER WITH LPF 1 2 3 4 5 New Japan Radio
NJM2578LOW VOLTAGE VIDEO AMPLIFIER WITH LPF 1 2 3 4 5 MoreNew Japan Radio
NJM2575LOW VOLTAGE VIDEO AMPLIFIER WITH LPF 1 2 3 4 5 MoreNew Japan Radio
NJM2574LOW VOLTAGE VIDEO AMPLIFIER WITH LPF 1 2 3 4 5 MoreNew Japan Radio
NJM2571LOW VOLTAGE VIDEO AMPLIFIER WITH LPF 1 2 3 4 5 MoreNew Japan Radio
NJM2573LOW VOLTAGE 3ch VIDEO AMPLIFIER WITH LPF 1 2 3 New Japan Radio
NJM2561LOW VOLTAGE VIDEO AMPLIFIER WITH LPF 1 2 3 4 5 New Japan Radio

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl