전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2573 데이터시트(PDF) 1 Page - Panasonic Semiconductor

부품명 2SK2573
상세설명  Silicon N-Channel Power F-MOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK2573 데이터시트(HTML) 1 Page - Panasonic Semiconductor

  2SK2573 Datasheet HTML 1Page - Panasonic Semiconductor 2SK2573 Datasheet HTML 2Page - Panasonic Semiconductor 2SK2573 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power F-MOS FETs
unit: mm
2SK2573 (Tentative)
Silicon N-Channel Power F-MOS FET
s Features
q Avalanche energy capacity guaranteed
q High-speed switching
q Low ON-resistance
q No secondary breakdown
s Applications
q Contactless relay
q Diving circuit for a solenoid
q Driving circuit for a motor
q Control equipment
q Switching power supply
1: Gate
2: Drain
3: Source
TOP-3E Package
s Electrical Characteristics (T
C = 25°C)
Parameter
Drain to Source cut-off current
Gate to Source leakage current
Drain to Source breakdown voltage
Gate threshold voltage
Drain to Source ON-resistance
Forward transfer admittance
Diode forward voltage
Input capacitance (Common Source)
Output capacitance (Common Source)
Reverse transfer capacitance (Common Source)
Turn-on time
Fall time
Turn-off time (delay time)
Thermal resistance between channel and case
Thermal resistance between channel and atmosphere
Symbol
IDSS
IGSS
VDSS
Vth
RDS(on)
| Yfs |
VDSF
Ciss
Coss
Crss
ton
tf
td(off)
Rth(ch-c)
Rth(ch-a)
Conditions
VDS = 400V, VGS = 0
VGS = ±20V, VDS = 0
ID = 1mA, VGS = 0
VDS = 25V, ID = 1mA
VGS = 10V, ID = 10A
VDS = 25V, ID = 10A
IDR = 20A, VGS = 0
VDS = 20V, VGS = 0, f = 1MHz
VDD = 150V, ID = 10A
VGS = 10V, RL = 15Ω
min
500
1
7.2
typ
0.32
12
3000
430
175
150
140
480
max
100
±1
5
0.4
−2.8
1.25
41.67
Unit
µA
µA
V
V
S
V
pF
pF
pF
ns
ns
ns
°C/W
°C/W
s Absolute Maximum Ratings (T
C = 25°C)
Parameter
Drain to Source breakdown voltage
Gate to Source voltage
Drain current
Avalanche energy capacity
Allowable power
dissipation
Channel temperature
Storage temperature
DC
Pulse
TC = 25°C
Ta = 25°C
Symbol
VDSS
VGSS
ID
IDP
EAS*
PD
Tch
Tstg
Ratings
500
±30
±20
±40
20
100
3
150
−55 to +150
Unit
V
V
A
A
mJ
W
°C
°C
*
L = 0.1mH, IL = 20A, 1 pulse
15.5±0.5
3.0±0.3
φ3.2±0.1
5.45±0.3
123
5.45±0.3
1.1±0.1
2.0±0.2
4.0
0.7±0.1


유사한 부품 번호 - 2SK2573

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK2573 ISC-2SK2573 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK2573

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SK867 PANASONIC-2SK867 Datasheet
41Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK996 PANASONIC-2SK996 Datasheet
64Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK1266 PANASONIC-2SK1266 Datasheet
80Kb / 2P
   Silicon N-channel Power F-MOS FET
2SK2125 PANASONIC-2SK2125 Datasheet
46Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK2128 PANASONIC-2SK2128 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK3030 PANASONIC-2SK3030 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3031 PANASONIC-2SK3031 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3033 PANASONIC-2SK3033 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3036 PANASONIC-2SK3036 Datasheet
23Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3043 PANASONIC-2SK3043 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
PUB4702 PANASONIC-PUB4702 Datasheet
34Kb / 2P
   Silicon N-Channel Power F-MOS FET
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com