전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9216-105 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD9216-105
상세설명  10-Bit, 65/80/105 MSPS Dual A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9216-105 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD9216-105 Datasheet HTML 3Page - Analog Devices AD9216-105 Datasheet HTML 4Page - Analog Devices AD9216-105 Datasheet HTML 5Page - Analog Devices AD9216-105 Datasheet HTML 6Page - Analog Devices AD9216-105 Datasheet HTML 7Page - Analog Devices AD9216-105 Datasheet HTML 8Page - Analog Devices AD9216-105 Datasheet HTML 9Page - Analog Devices AD9216-105 Datasheet HTML 10Page - Analog Devices AD9216-105 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Preliminary Technical Data
AD9216
Rev. PrD
Page 7 of 20
6/15/2004
ABSOLUTE MAXIMUM RATINGS
Table 5. AD9216 Absolute Maximum Ratings
1
Parameter
Rating
Pin Name
With Respect To
Min
Max
Unit
ELECTRICAL
AVDD
AGND
- 0.3
+3.9
V
DRVDD
DRGND
- 0.3
+3.9
V
AGND
DRGND
- 0.3
+0.3
V
AVDD
DRVDD
- 3.9
+3.9
V
Digital Outputs CLK, DCS, MUX_SELECT, SHARED_REF,
DRGND
- 0.3
DRVDD + 0.3
V
OEB, DFS
AGND
- 0.3
AVDD + 0.3
V
VINA, VINB
AGND
- 0.3
AVDD + 0.3
V
VREF
AGND
- 0.3
AVDD + 0.3
V
SENSE
AGND
- 0.3
AVDD + 0.3
V
REFB, REFT
AGND
- 0.3
AVDD + 0.3
V
PDWN
AGND
- 0.3
AVDD + 0.3
V
ENVIRONMENTAL
2
Operating Temperature
- 45
+85
°C
Junction Temperature
+150
°C
Lead Temperature (10 sec)
+300
°C
Storage Temperature
- 65
+150
°C
1 Absolute maximum ratings are limiting values to be applied individually, and beyond which the serviceability of the circuit may be impaired. Functional operability
is not necessarily implied. Exposure to absolute maximum rating conditions for an extended period of time may affect device reliability.
2 Typical thermal impedances (64-lead LQFP); ? ?
JA = 54°C/W. These measurements were taken on a 4-layer board in still air, in accordance with EIA/JESD51-7.
EXPLANATION OF TEST LEVELS
I
100% production tested.
II
100% production tested at 25°C and sample tested at specified temperatures.
III
Sample tested only.
IV Parameter is guaranteed by design and characterization testing.
V
Parameter is a typical value only.
VI 100% production tested at 25°C; guaranteed by design and characterization testing for industrial temperature range; 100%
production tested at temperature extremes for military devices.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although this
product features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.


유사한 부품 번호 - AD9216-105

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9216-105PCB AD-AD9216-105PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9216-105PCB AD-AD9216-105PCB Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
More results

유사한 설명 - AD9216-105

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com