전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9216BCPZRL7-80 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD9216BCPZRL7-80
상세설명  10-Bit, 65/80/105 MSPS Dual A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9216BCPZRL7-80 데이터시트(HTML) 2 Page - Analog Devices

  AD9216BCPZRL7-80 Datasheet HTML 1Page - Analog Devices AD9216BCPZRL7-80 Datasheet HTML 2Page - Analog Devices AD9216BCPZRL7-80 Datasheet HTML 3Page - Analog Devices AD9216BCPZRL7-80 Datasheet HTML 4Page - Analog Devices AD9216BCPZRL7-80 Datasheet HTML 5Page - Analog Devices AD9216BCPZRL7-80 Datasheet HTML 6Page - Analog Devices AD9216BCPZRL7-80 Datasheet HTML 7Page - Analog Devices AD9216BCPZRL7-80 Datasheet HTML 8Page - Analog Devices AD9216BCPZRL7-80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD9216
Preliminary Technical Data
Rev. PrD
Page 2 of 20
6/15/2004
TABLE OF CONTENTS
General Description .............................................................. 1
Product Highlights ................................................................ 1
DC Specifications (Continued) ............................................. 4
Switching Specifications ....................................................... 4
AC Specifications ................................................................. 5
Absolute Maximum Ratings ..................................................... 7
ESD Caution ......................................................................... 7
Terminology........................................................................ 10
Typical Performance CharacteristiC PLOTS (TBD).............. 12
Equivalent Circuits ................................................................. 13
Theory of Operation............................................................ 13
Analog Input ....................................................................... 13
Clock Input and Considerations .......................................... 15
Power Dissipation and Standby Mode ................................ 15
Digital Outputs.................................................................... 15
Timing ................................................................................ 16
Data Format ........................................................................ 16
Voltage Reference............................................................... 17
Evaluation Board Diagrams (TBD) ........................................ 19
Outline Dimensions ................................................................ 20
REVISION HISTORY
PrA: Initial Version
PrB: included specification tables, ordering guide, package and pin configuration and Theory of operation sections.
PrC: Corrected pin configuration figure (Fig3) pin naming errors , updated supply spec, corrected timing diagram and latency.
PrD: Removed 120MSPS Grade, Updated DCS,OEB_B pin descriptions, updated input referred noise, Demux Timing Diagram needs
updating


유사한 부품 번호 - AD9216BCPZRL7-80

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9216BCPZRL7-80 AD-AD9216BCPZRL7-80 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
More results

유사한 설명 - AD9216BCPZRL7-80

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com