전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54AC244LMQB 데이터시트(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 54AC244LMQB
상세설명  Octal Buffers/Line Drivers With 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC244LMQB 데이터시트(HTML) 5 Page - National Semiconductor (TI)

  54AC244LMQB Datasheet HTML 1Page - National Semiconductor (TI) 54AC244LMQB Datasheet HTML 2Page - National Semiconductor (TI) 54AC244LMQB Datasheet HTML 3Page - National Semiconductor (TI) 54AC244LMQB Datasheet HTML 4Page - National Semiconductor (TI) 54AC244LMQB Datasheet HTML 5Page - National Semiconductor (TI) 54AC244LMQB Datasheet HTML 6Page - National Semiconductor (TI) 54AC244LMQB Datasheet HTML 7Page - National Semiconductor (TI) 54AC244LMQB Datasheet HTML 8Page - National Semiconductor (TI) 54AC244LMQB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MN54AC244-X REV 1B1
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
VCC 3.0V to 5.5V, Temp. Range: -55C to +125C.
NOTE: -55C TEMPERATURE, SUBGROUP 3 IS GUARANTEED BUT NOT
TESTED.
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
IOZH
Maximum TRI-STATE
Current High
VCC=3.0V, VM=3.0V, VINL=0.0V, VIH=2.1V
1, 2 OUTPUT
0.25
uA
1
1, 2 OUTPUT
5.0
uA
2, 3
VCC=4.5V, VM=3.0V, VINL=0.0V,
VIH=3.15V
1, 2 OUTPUT
0.25
uA
1
1, 2 OUTPUT
5.0
uA
2, 3
VCC=5.5V, VM=5.5V, VINL=0.0V,
VIH=3.85V
1, 2 OUTPUT
0.25
uA
1
1, 2 OUTPUT
5.0
uA
2, 3
IOZL
Maximum TRI-STATE
Current Low
VCC=3.0V, VM=0.0V, VINH=3.0V,
VIH=2.1V, VIL=0.9V
1, 2 OUTPUT
-0.25
uA
1
1, 2 OUTPUT
-5.0
uA
2, 3
VCC=4.5V, VM=0.0V, VINH=4.5V,
VIH=3.15V, VIL=1.35V
1, 2 OUTPUT
-0.25
uA
1
1, 2 OUTPUT
-5.0
uA
2, 3
VCC=5.5V, VM=0.0V, VINH=5.5V,
VIH=3.85V, VIL=1.65V
1, 2 OUTPUT
-0.25
uA
1
1, 2 OUTPUT
-5.0
uA
2, 3
ICCH
Supply Current
VCC=5.5V, VINH=5.5V, VINL=0.0V
1, 2 VCC
4
uA
1
1, 2 VCC
80
uA
2, 3
ICCL
Supply Current
VCC=5.5V, VINL=0.0V
1, 2 VCC
4
uA
1
1, 2 VCC
80
uA
2, 3
ICCZ
Supply Current
VCC=5.5V, VINL=0.0V, VINH=0.0V
1, 2 VCC
4
uA
1
1, 2 VCC
80
uA
2, 3
AC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
CL=50pf, RL=500 ohms, TR=3ns, TF=3ns, Temp. Range: -55C to 125C.
NOTE: -55C TEMPERATURE, SUBGROUP 11
IS GUARANTEED BUT NOT TESTED.
tpLH (1)
Propagation delay
VCC=4.5V
3,
4, 6
IN to
ON
1.5
8.5
ns
9
3,
4, 6
IN to
ON
1.5
9.5
ns
10, 11
tpHL (1)
Propagation delay
VCC=4.5V
3,
4, 6
IN to
ON
1.5
8.0
ns
9
3,
4, 6
IN to
ON
1.5
9.0
ns
10, 11
5


유사한 부품 번호 - 54AC244LMQB

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54AC244L NSC-54AC244L Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

유사한 설명 - 54AC244LMQB

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Renesas Technology Corp
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74LVC244A HITACHI-HD74LVC244A Datasheet
47Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC540A HITACHI-HD74LVC540A Datasheet
48Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com