전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

AN1324 데이터시트(Datasheet) 1 Page - Panasonic Semiconductor

부품명 AN1324
상세내용  Quadruple Operational Amplifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo 

   
 1 page
background image
s Overview
The AN1324 (AN6564)and the AN1324NS
(AN6564NS)are quadruple operational amplifiers with
phase compensation circuits built-in, and with wide range
of operating voltages, allowing single power supply
operation. They have electrical characteristics equal to
the conventional operational amplifiers, and are low
powered and suitable for application to various circuits.
s Features
• Built-in phase compensation circuit
• Wide range of common-mode input voltage
0V to VCC–1.5V
• Wide range of operating voltages
Single supply:3 to 30V
Dual supply:
±1.5 to 15V
s Block Diagram
AN1324 (AN6564),
AN1324NS (AN6564NS)
Quadruple Operational Amplifiers
1
2
3
4
5
6
7
14
13
12
11
10
9
8
3–15˚
Unit :mm
AN1324 (AN6564)
6.35
±0.3
3.05
±0.25
4.7
±0.25
14-pin DIL Plastic Package (DIP014-P-0300D)
7.62
±0.25
0.3
+ 0.1
– 0.05
1.1
±0.25
Unit:mm
AN1324NS (AN6564NS)
0.3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
6.5
±0.3
4.2
±0.3
14-pin PANAFLAT Plastic Package (SOP014-P-0225A)
+
+
VO1
VCC
1
23
4
5
6
7
14
4
3
1
2
13
12
11
GND
10
9
8
Vin1+
Vin1–
VO2
Vin2–
Vin2+
VO4
(VEE)
Vin4+
Vin3+
Vin4–
VO3
Vin3–




Html 페이지

1  2  3 


데이터시트



관련 부품명

부품명상세내용Html View제조사
LM324KQUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTI store
LM124QUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTI store
LM148QUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 TI store
LM2900QUADRUPLE NORTON OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTI store
MC3303QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTI store
LF147Wide Bandwidth Quad JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
LF347FAMILY OF JFET OPERATIONAL AMPLIFIERS 1 2 3 4 Motorola, Inc
MC34181Low Power High Slew Rate Wide Bandwidth JFET Input Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
LS204HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl