전자부품 데이터시트 검색엔진 |
|
ST300S20M1 데이터시트(PDF) 5 Page - International Rectifier |
|
ST300S20M1 데이터시트(HTML) 5 Page - International Rectifier |
5 / 8 page ST300S Series 5 Bulletin I25158 rev. B 01/94 www.irf.com Fast-on Terminals Case Style TO-209AE (TO-118) All dimensions in millimeters (inches) Outline Table Case Style TO-209AE (TO-118) with top thread terminal 3/8" All dimensions in millimeters (inches) RED CATHODE RED SILICON RUBBER 10.5 (0.41) WHITE GATE 4.3 (0.17) DIA. CERAMIC HOUSING WHITE SHRINK NOM. 38 (1.50) MAX. DIA. * FOR METRIC DEVICE: M24 X 1.5 - LENGHT SCREW 21 (0.83) MAX. 22 (0.87) MAX. SW 45 2 FLEXIBLE LEAD 4.5 (0.18) MAX. C.S. 50mm (0.078 s.i.) RED SHRINK 49 (1.92) MAX. 3/4"16 UNF-2A 38 (1.5) DIA. MAX. CERAMIC HOUSING SW 45 * FOR METRIC DEVICE: M24 x 1.5 - LENGHT SCREW 21 (0.83) MAX. 3/4"-16UNF-2A * 3/8"-24UNF-2A 17 (0.67) DIA. AMP. 280000-1 REF-250 |
유사한 부품 번호 - ST300S20M1 |
|
유사한 설명 - ST300S20M1 |