전자부품 데이터시트 검색엔진 |
|
ST300S16P3 데이터시트(PDF) 6 Page - International Rectifier |
|
ST300S16P3 데이터시트(HTML) 6 Page - International Rectifier |
6 / 8 page ST300S Series 6 Bulletin I25158 rev. B 01/94 www.irf.com Fig. 3 - On-state Power Loss Characteristics Fig. 4 - On-state Power Loss Characteristics 25 50 75 100 125 Maximum Allowable Ambient Temperature (°C) 0.0 8 K/ W 0. 2 K /W 0.3 K/W 0.4 K/W 0. 6 K/W 1.2 K/W 0.1 2 K/ W 0 40 80 120 160 200 240 280 320 360 400 440 480 0 40 80 120 160 200 240 280 320 180° 120° 90° 60° 30° RMS Limit Conduction Angle Average On-state Current (A) ST 300S Series T = 125°C J 25 50 75 100 125 Maximum Allowable Ambient Temperature (°C) 0.0 8 K/W 0.1 2 K/W 0.2 K/W 0.3 K /W 0. 6 K/W 1.2 K/W 0 50 100 150 200 250 300 350 400 450 500 550 600 650 0 100 200 300 400 500 DC 180° 120° 90° 60° 30° RMS Limit Conduction Period Average On-state Current (A) ST300S Series T = 125°C J 60 70 80 90 100 110 120 130 0 100 200 300 400 500 DC 30° 60° 90° 120° 180° Average On-state Current (A) Conduction Period ST300S Series R (DC) = 0.10 K/W thJC 70 80 90 100 110 120 130 0 50 100 150 200 250 300 350 30° 60° 90° 120° 180° Average On-state Current (A) Conduction Angle ST300S Series R (DC) = 0.10 K/W thJC Fig. 1 - Current Ratings Characteristics Fig. 2 - Current Ratings Characteristics |
유사한 부품 번호 - ST300S16P3 |
|
유사한 설명 - ST300S16P3 |