전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13770FC 데이터시트(PDF) 5 Page - Freescale Semiconductor, Inc

부품명 MC13770FC
상세설명  Single Band LNA and Mixer FEIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13770FC 데이터시트(HTML) 5 Page - Freescale Semiconductor, Inc

  MC13770FC Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13770FC Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13770FC Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13770FC Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13770FC Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13770FC Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13770FC Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13770FC Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Applications Information
MC13770 Technical Data, Rev. 2
Freescale Semiconductor
5
Figure 2. Application Schematic
Table 6. Bill of Material for Application Schematic
Component
190 MHz IF
380 MHz IF
C3
1.2 pF
2.2 pF
C4
1.2 pF
2.2 pF
C10
1.2 pF
1.2 pF
L3
150 nH
39 nH
L4
150 nH
39 nH
R3
5.0 k
20 k
Note: All other components are the same for both configurations.
10
11
12
9
8
7
6
5
1
2
3
4
C11 1.0 pF
Mix In
LNA In
IF
L1
2.7 nH
Bypass
LNA Out
V
CC2
V
CC1
C7
33 pF
C9
0.01 µF
C1 33 pF
C12
0.5 pF
C2 33 pF
C8 0.01 µF
L3 *
L4 *
C3 *
C4 *
C10 *
8:1
C5
33 pF
C6
33 pF
Enable
LO+
R1
4.3 k
L2
2.7 nH
Mini-Circuits
TC8-1 Transformer
R2
470
* See Table 6 for values.


유사한 부품 번호 - MC13770FC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MC13770FC NXP-MC13770FC Datasheet
432Kb / 8P
   Single Band LNA and Mixer FEIC
Rev. 2, 11/2003
More results

유사한 설명 - MC13770FC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MC13770 NXP-MC13770 Datasheet
432Kb / 8P
   Single Band LNA and Mixer FEIC
Rev. 2, 11/2003
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
logo
NXP Semiconductors
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
   1GHz LNA and mixer
1993 Dec 15
SA611 PHILIPS-SA611 Datasheet
106Kb / 16P
   1GHz low voltage LNA and mixer
1999 Mar 26
SA601 PHILIPS-SA601 Datasheet
182Kb / 11P
   Low voltage LNA and mixer - 1GHz
December 15, 1994
SA631 PHILIPS-SA631 Datasheet
103Kb / 16P
   1GHz low voltage LNA and mixer
1998 Jan 08
logo
Maxim Integrated Produc...
MAX2320 MAXIM-MAX2320 Datasheet
526Kb / 28P
   Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
19-1535; Rev 1; 6/00
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
Infineon Technologies A...
BGA711L7 INFINEON-BGA711L7 Datasheet
714Kb / 23P
   Low Power Single-Band UMTS LNA
V3.2, May 2009
logo
NXP Semiconductors
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
   1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com